データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD1086DT25TR データシート(PDF) 11 Page - STMicroelectronics

部品番号 LD1086DT25TR
部品情報  1.5A Low drop positive voltage regulator adjustable and fixed
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1086DT25TR データシート(HTML) 11 Page - STMicroelectronics

Back Button LD1086DT25TR Datasheet HTML 7Page - STMicroelectronics LD1086DT25TR Datasheet HTML 8Page - STMicroelectronics LD1086DT25TR Datasheet HTML 9Page - STMicroelectronics LD1086DT25TR Datasheet HTML 10Page - STMicroelectronics LD1086DT25TR Datasheet HTML 11Page - STMicroelectronics LD1086DT25TR Datasheet HTML 12Page - STMicroelectronics LD1086DT25TR Datasheet HTML 13Page - STMicroelectronics LD1086DT25TR Datasheet HTML 14Page - STMicroelectronics LD1086DT25TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
LD1086xx
Electrical characteristics
11/37
Table 8.
Electrical characteristics of LD1086#36
(VI=6.6V, CI = CO =10μF, TA = -40 to 125°C, unless otherwise specified).
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
VO
Output voltage (1)
IO = 0 mA, TJ = 25°C
3.564
3.6
3.636
V
IO = 0 to 1.5A, VI = 5.2 to 30V
3.528
3.6
3.672
V
ΔVO
Line regulation
IO = 0 mA, VI = 5.2 to 18V, TJ = 25°C
0.5
10
mV
IO = 0 mA, VI = 5.2 to 18V
1
10
mV
ΔVO
Load regulation
IO = 0 to 1.5A, TJ = 25°C
3
15
mV
IO = 0 to 1.5A
7
25
mV
Vd
Dropout voltage
IO = 1.5A
1.3
1.5
V
Iq
Quiescent current
VI ≤30V
5
10
mA
Isc
Short circuit current
VI - VO = 5V
1.5
2
A
VI - VO = 25V
0.05
0.2
A
Thermal regulation
TA = 25°C, 30ms pulse
0.01
0.04
%/W
SVR
Supply voltage rejection
f = 120 Hz, CO = 25 μF, IO = 1.5A
VI = 8.6 ± 3V
60
78
dB
eN
RMS Output noise voltage (% of
VO)
TA = 25°C, f =10Hz to 10KHz
0.003
%
S
Temperature stability
0.5
%
S
Long term stability
TA = 125°C, 1000Hrs
0.5
%
1.
See short-circuit current curve for available output current at fixed dropout.


同様の部品番号 - LD1086DT25TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD1086DT25 STMICROELECTRONICS-LD1086DT25 Datasheet
196Kb / 21P
   1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results

同様の説明 - LD1086DT25TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD1086 STMICROELECTRONICS-LD1086 Datasheet
196Kb / 21P
   1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
logo
STMicroelectronics
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
   Adjustable and fixed low drop positive voltage regulator
LD1084 STMICROELECTRONICS-LD1084 Datasheet
563Kb / 18P
   5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1084 STMICROELECTRONICS-KD1084 Datasheet
358Kb / 18P
   5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1083 STMICROELECTRONICS-KD1083 Datasheet
476Kb / 11P
   7.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1085C STMICROELECTRONICS-LD1085C Datasheet
370Kb / 15P
   3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1084 STMICROELECTRONICS-KD1084_07 Datasheet
349Kb / 22P
   5A Low drop positive voltage regulator adjustable and fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com