データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD1086DT33TR データシート(PDF) 1 Page - STMicroelectronics

部品番号 LD1086DT33TR
部品情報  1.5A Low drop positive voltage regulator adjustable and fixed
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1086DT33TR データシート(HTML) 1 Page - STMicroelectronics

  LD1086DT33TR Datasheet HTML 1Page - STMicroelectronics LD1086DT33TR Datasheet HTML 2Page - STMicroelectronics LD1086DT33TR Datasheet HTML 3Page - STMicroelectronics LD1086DT33TR Datasheet HTML 4Page - STMicroelectronics LD1086DT33TR Datasheet HTML 5Page - STMicroelectronics LD1086DT33TR Datasheet HTML 6Page - STMicroelectronics LD1086DT33TR Datasheet HTML 7Page - STMicroelectronics LD1086DT33TR Datasheet HTML 8Page - STMicroelectronics LD1086DT33TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
July 2007
Rev. 18
1/37
37
LD1086xx
1.5A Low drop positive voltage regulator adjustable and fixed
Features
Typical dropout 1.3V at 1.5A
Three terminal adjustable or fixed output
voltage 1.5V, 1.8V, 2.5V, 3.3V, 3.6V, 5V, 8V,
9V, 12V.
Guaranteed output current up to 1.5A
Output tolerance ±1% at 25°C and ±2% in full
temperature range
Internal power and thermal limit
Wide operating temperature range
-40°C to 125°C
Package available: TO-220, D2PAK, D2PAK/A,
DPAK
Pinout compatibility with standard adjustable
VREG
Description
The LD1086 is a LOW DROP voltage regulator
able to provide up to 1.5A of output current.
Dropout is guaranteed at a maximum of 1.2V at
the maximum output current, decreasing at lower
loads. The LD1086 is pin to pin compatible with
the older 3-terminal adjustable regulators, but has
better performances in term of drop and output
tolerance.
A 2.85V output version is suitable for SCSI-2
active termination. Unlike PNP regulators, where
a part of the output current is wasted as quiescent
current, the LD1086 quiescent current flows into
the load, so increase efficiency. Only a 10µF
minimum capacitor is need for stability. The
device is supplied in TO-220, D2PAK, D2PAK/A
and DPAK. On chip trimming allows the regulator
to reach a very tight output voltage tolerance,
within ±1% at 25°C.
DPAK
D2PAK/A
TO-220
D2PAK
Table 1.
Device summary
Part number
LD1086XX
LD1086XX33
LD1086XX12
LD1086XX36
LD1086XX15
LD1086XX50
LD1086XX18
LD1086XX80
LD1086XX25
LD1086XX90
www.st.com


同様の部品番号 - LD1086DT33TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD1086DT33 STMICROELECTRONICS-LD1086DT33 Datasheet
196Kb / 21P
   1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results

同様の説明 - LD1086DT33TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD1086 STMICROELECTRONICS-LD1086 Datasheet
196Kb / 21P
   1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
logo
STMicroelectronics
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
   Adjustable and fixed low drop positive voltage regulator
LD1084 STMICROELECTRONICS-LD1084 Datasheet
563Kb / 18P
   5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1084 STMICROELECTRONICS-KD1084 Datasheet
358Kb / 18P
   5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1083 STMICROELECTRONICS-KD1083 Datasheet
476Kb / 11P
   7.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1085C STMICROELECTRONICS-LD1085C Datasheet
370Kb / 15P
   3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1084 STMICROELECTRONICS-KD1084_07 Datasheet
349Kb / 22P
   5A Low drop positive voltage regulator adjustable and fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com