データシートサーチシステム |
|
TS3A44159PWRG4 データシート(PDF) 9 Page - Texas Instruments |
|
|
TS3A44159PWRG4 データシート(HTML) 9 Page - Texas Instruments |
9 / 29 page www.ti.com TS3A44159 0.45- Ω QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS SCDS225 – MARCH 2007 Electrical Characteristics for 2.5-V Supply (continued) V + = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Dynamic 25 °C 2.5 V 2.6 47 VCOM = V+, Turn-on time tON CL = 35 pF ns 2.3 V to RL = 50 Ω, Full 50 2.7 V 25 °C 2.5 V 16.5 34 VCOM = V+, Turn-off time tOFF CL = 35 pF ns 2.3 V to RL = 50 Ω, Full 35 2.7 V 25 °C 2.5 V 4 15 35 Break-before- VNC = VNO = V+, tBBM CL = 35 pF ns 2.3 V to make time RL = 50 Ω, Full 3 35 2.7 V VGEN = 0, Charge injection QC CL = 1 nF 25 °C 2.5 V 84 pC RGEN = 0, NC, NO CNC(OFF), VNC or VNO = V+ or GND, See Figure 17 25 °C 2.5 V 52 pF OFF capacitance CNO(OFF) Switch OFF, NC, NO CNC(ON), VNC or VNO = V+ or GND, See Figure 17 25 °C 2.5 V 163 pF ON capacitance CNO(ON) Switch OFF, COM CCOM(ON) VCOM = V+ or GND, See Figure 17 25 °C 2.5 V 163 pF ON capacitance Digital input CI VI = V+ or GND 25 °C 2.5 V 2.5 pF capacitance Bandwidth BW RL = 50 Ω, Switch ON 25 °C 2.5 V 35 MHz RL = 50 Ω, OFF isolation OISO Switch OFF 25 °C 2.5 V –71 dB f = 100 kHz, RL = 50 Ω, Crosstalk XTALK Switch ON 25 °C 2.5 V –73 dB f = 100 kHz, Total harmonic RL = 600 Ω, THD f = 20 Hz to 20 kHz 25 °C 2.5 V 0.009 % distortion CL = 50 pF, Supply 25 °C 0.004 0.1 Positive supply I+ VI = V+ or GND, Switch ON or OFF 2.5 V µA current Full 0.5 9 Submit Documentation Feedback |
同様の部品番号 - TS3A44159PWRG4 |
|
同様の説明 - TS3A44159PWRG4 |