データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP320F28044GGMA データシート(PDF) 11 Page - Texas Instruments

部品番号 TMP320F28044GGMA
部品情報  Digital Signal Processor
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMP320F28044GGMA データシート(HTML) 11 Page - Texas Instruments

Back Button TMP320F28044GGMA Datasheet HTML 7Page - Texas Instruments TMP320F28044GGMA Datasheet HTML 8Page - Texas Instruments TMP320F28044GGMA Datasheet HTML 9Page - Texas Instruments TMP320F28044GGMA Datasheet HTML 10Page - Texas Instruments TMP320F28044GGMA Datasheet HTML 11Page - Texas Instruments TMP320F28044GGMA Datasheet HTML 12Page - Texas Instruments TMP320F28044GGMA Datasheet HTML 13Page - Texas Instruments TMP320F28044GGMA Datasheet HTML 14Page - Texas Instruments TMP320F28044GGMA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
www.ti.com
2
Introduction
2.1
Pin Assignments
TMS320F28044
Digital Signal Processor
SPRS357B – AUGUST 2006 – REVISED MAY 2007
The TMS320F28044 device, member of the TMS320C28x™ DSP generation, is a highly integrated,
high-performance solution for demanding control applications.
Throughout this document, TMS320F28044 is abbreviated as F28044. Table 2-1 provides a summary of
the device's features.
Table 2-1. Hardware Features
FEATURE
F28044
Instruction cycle (at 100 MHz)
10 ns
10K
Single-access RAM (SARAM) (16-bit word)
(L0, L1, M0, M1)
3.3-V on-chip flash (16-bit word)
64K
On-chip ROM (16-bit word)
Code security for on-chip flash/SARAM/OTP blocks
Yes
Boot ROM (4K X16)
Yes
One-time programmable (OTP) ROM
1K
(16-bit word)
PWM outputs (one 16-bit timer/module)
ePWM1-16
HRPWM channels
ePWM1-16
Watchdog timer
Yes
No. of channels
16
12-Bit ADC
MSPS
12.5
Conversion time
80 ns
32-Bit CPU timers
3
Serial Peripheral Interface (SPI)
SPI-A
Serial Communications Interface (SCI)
SCI-A
Inter-Integrated Circuit (I2C)
I2C-A
Digital I/O pins (shared)
35
External interrupts
3
Supply voltage
1.8-V Core, 3.3-V I/O
Yes
Packaging
100-Pin PZ
Yes
100-ball GGM, ZGM
Yes
Temperature options
A: -40
°C to 85°C
(PZ, GGM, ZGM)
Product status(1)
TMS
(1)
See Section 5.1, Device and Development Support Nomenclature for descriptions of device stages.
The TMS320F28044 100-pin PZ low-profile quad flatpack (LQFP) pin assignments are shown in
Figure 2-1. The 100-ball GGM and ZGM ball grid array (BGA) terminal assignments are shown in
Figure 2-2. Table 2-2 describes the function(s) of each pin.
Submit Documentation Feedback
Introduction
11


同様の部品番号 - TMP320F28044GGMA

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP320F2802238A TI-TMP320F2802238A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802238S TI-TMP320F2802238S Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802248A TI-TMP320F2802248A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802248S TI-TMP320F2802248S Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802338A TI-TMP320F2802338A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
More results

同様の説明 - TMP320F28044GGMA

メーカー部品番号データシート部品情報
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com