データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N5002 データシート(PDF) 1 Page - Semicoa Semiconductor

部品番号 2N5002
部品情報  Silicon NPN Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMICOA [Semicoa Semiconductor]
ホームページ  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N5002 データシート(HTML) 1 Page - Semicoa Semiconductor

  2N5002_02 Datasheet HTML 1Page - Semicoa Semiconductor 2N5002_02 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. C
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 1 of 2
www.SEMICOA.com
2N5002
Silicon NPN Transistor
Data Sheet
Description
Complement to the 2N5003
Semicoa Semiconductors offers:
• Screening and processing per MIL-PRF-19500 Appendix E
• JAN level (2N5002J)
• JANTX level (2N5002JX)
• JANTXV level (2N5002JV)
• QCI to the applicable level
• 100% die visual inspection per MIL-STD-750 method
2072 for JANTXV
• Radiation testing (total dose) upon request
Please contact Semicoa for special configurations
www.SEMICOA.com or (714) 979-1900
Applications
• High-speed power-switching
• Power Transistor
• NPN silicon transistor
Features
• Hermetically sealed TO-59 metal can
• Also available in chip configuration
• Chip geometry 9202
• Reference document:
MIL-PRF-19500/534
Benefits
• Qualification Levels: JAN, JANTX, and
JANTXV
• Radiation testing available
Absolute Maximum Ratings
TC = 25°C unless otherwise specified
Parameter
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
80
Volts
Collector-Base Voltage
VCBO
100
Volts
Emitter-Base Voltage
VEBO
5.5
Volts
Collector Current, Continuous
IC
5
A
Power Dissipation, TA = 25°C
Derate linearly above 25
°C
PT
2
11.4
W
mW/
°C
Power Dissipation, TC = 25°C
Derate linearly above 25
°C
PT
58
331
W
mW/
°C
Thermal Resistance
RθJA
RθJC
88
3
°C/W
Operating Junction Temperature
TJ
-65 to +200
°C
Storage Temperature
TSTG
-65 to +200
°C


同様の部品番号 - 2N5002_02

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
2N5002 MICROSEMI-2N5002_1 Datasheet
52Kb / 2P
   NPN POWER SILICON TRANSISTOR
More results

同様の説明 - 2N5002_02

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com