データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N4033 データシート(PDF) 2 Page - Semicoa Semiconductor

部品番号 2N4033
部品情報  Silicon PNP Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMICOA [Semicoa Semiconductor]
ホームページ  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N4033 データシート(HTML) 2 Page - Semicoa Semiconductor

  2N4033 Datasheet HTML 1Page - Semicoa Semiconductor 2N4033 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. E
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 2 of 2
www.SEMICOA.com
2N4033
Silicon PNP Transistor
Data Sheet
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25°C
Off Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Collector-Base Cutoff Current
ICBO1
ICBO2
ICBO3
VCB = 80 Volts
VCB = 60 Volts
VCB = 60 Volts, TA = 150°C
10
10
25
µA
nA
µA
Collector-Emitter Cutoff Current
ICEX
VCE = 60 Volts, VEB = 2 Volts
25
nA
Emitter-Base Cutoff Current
IEBO1
IEBO2
VBE = 5 Volts
VBE = 3 Volts
10
25
µA
nA
On Characteristics
Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC Current Gain
hFE1
hFE2
hFE3
hFE4
hFE5
IC = 100 µA, VCE = 5 Volts
IC = 100 mA, VCE = 5 Volts
IC = 500 mA, VCE = 5 Volts
IC = 1 A, VCE = 5 Volts
IC = 500 mA, VCE = 5 Volts
TA = -55°C
50
100
70
25
30
300
Base-Emitter Saturation Voltage
VBEsat1
VBEsat2
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.9
1.2
Volts
Collector-Emitter Saturation Voltage
VCEsat1
VCEsat2
VCEsat3
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
IC = 1 A, IB = 100 mA
0.15
0.50
1.00
Volts
Dynamic Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Magnitude – Common Emitter, Short
Circuit Forward Current Transfer Ratio
|hFE|
VCE = 10 Volts, IC = 50 mA,
f = 100 MHz
1.5
6.0
Open Circuit Output Capacitance
COBO
VCB = 10 Volts, IE = 0 mA,
100 kHZ < f < 1 MHz
20
pF
Open Circuit Input Capacitance
CIBO
VEB = 0.5 Volts, IC = 0 mA,
100 kHZ < f < 1 MHz
80
pF
Switching Characteristics
Delay Time
Rise Time
td
tr
IC = 500 mA, IB = 50 mA
15
25
ns
Storage Time
Fall Time
ts
tf
IC = 500 mA, IB = 50 mA
175
35
ns


同様の部品番号 - 2N4033

メーカー部品番号データシート部品情報
logo
STMicroelectronics
2N4033 STMICROELECTRONICS-2N4033 Datasheet
62Kb / 6P
   GENERAL PURPOSE AMPLIFIER AND SWITCH
November 1997
logo
Central Semiconductor C...
2N4033 CENTRAL-2N4033 Datasheet
499Kb / 2P
   PNP SILICON TRANSISTOR
logo
Seme LAB
2N4033 SEME-LAB-2N4033 Datasheet
14Kb / 2P
   HIGH SPEED MEDIUM VOLTAGE SWITCH
logo
New Jersey Semi-Conduct...
2N4033 NJSEMI-2N4033 Datasheet
480Kb / 2P
   GENERAL PURPOSE HIGH-VOLTAGE
logo
Semicoa Semiconductor
2N4033 SEMICOA-2N4033 Datasheet
86Kb / 2P
   Type 2N4033 Geometry 6700 Polarity PNP
More results

同様の説明 - 2N4033

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com