データシートサーチシステム |
|
CD74HCT7046AMT データシート(PDF) 3 Page - Texas Instruments |
|
|
CD74HCT7046AMT データシート(HTML) 3 Page - Texas Instruments |
3 / 28 page 3 General Description VCO The VCO requires one external capacitor C1 (between C1A and C1B) and one external resistor R1 (between R1 and Gnd) or two external resistors R1 and R2 (between R1 and Gnd, and R2 and Gnd). Resistor R1 and capacitor C1 deter- mine the frequency range of the VCO. Resistor R2 enables the VCO to have a frequency offset if required. See logic dia- gram, Figure 1. The high input impedance of the VCO simplifies the design of low-pass filters by giving the designer a wide choice of resistor/capacitor ranges. In order not to load the low-pass filter, a demodulator output of the VCO input voltage is pro- vided at pin 10 (DEMOUT). In contrast to conventional tech- niques where the DEMOUT voltage is one threshold voltage lower than the VCO input voltage, here the DEMOUT voltage equals that of the VCO input. If DEMOUT is used, a load resistor (RS) should be connected from DEMOUT to Gnd; if unused, DEMOUT should be left open. The VCO output (VCOOUT) can be connected directly to the comparator input (COMPIN), or connected via a frequency-divider. The VCO output signal has a specified duty factor of 50%. A LOW level at the inhibit input (INH) enables the VCO, while a HIGH level disables the VCO to minimize standby power consumption. Phase Comparators The signal input (SIGIN) can be directly coupled to the self- biasing amplifier at pin 14, provided that the signal swing is between the standard HC family input logic levels, Capaci- tive coupling is required for signals with smaller swings. Phase Comparator 1 (PC1) This is an Exclusive-OR network. The signal and comparator input frequencies (fi) must have a 50% duty factor to obtain the maximum locking range. The transfer characteristic of PC1, assuming ripple (fr = 2fi) is suppressed, is: VDEMOUT =(VCC/π)(φSIGIN - φCOMPIN) where VDEMOUT is the demodulator output at pin 10; VDEMOUT =VPC1OUT (via low-pass filter). The average output voltage from PC1, fed to the VCO input via the low-pass filter and seen at the demodulator output at pin 10 (VDEMOUT), is the resultant of the phase differences of signals (SIGIN) and the comparator input (COMPIN)as shown in Figure 2. The average of VDEM is equal to 1/2 VCC when there is no signal or noise at SIGIN, and with this input the VCO oscillates at the center frequency (fo). Typical wave- forms for the PC1 loop locked at fo shown in Figure 3. The frequency capture range (2fc) is defined as the fre- quency range of input signals on which the PLL will lock if it was initially out-of-lock. The frequency lock range (2fL)is defined as the frequency range of input signals on which the loop will stay locked if it was initially in lock. The capture range is smaller or equal to the lock range. With PC1, the capture range depends on the low-pass filter characteristics and can be made as large as the lock range. This configuration retains lock behavior even with very noisy input signals. Typical of this type of phase comparator is that it can lock to input frequencies close to the harmonics of the VCO center frequency. Phase Comparator 2 (PC2) This is a positive edge-triggered phase and frequency detec- tor. When the PLL is using this comparator, the loop is con- trolled by positive signal transitions and the duty factors of SIGIN and COMPIN are not important. PC2 comprises two D-type flip-flops, control-gating and a three-state output stage. The circuit functions as an up-down counter (Figure 1) where SIGIN causes an up-count and COMPIN a down- count. The transfer function of PC2, assuming ripple (fr =fi) is suppressed, is: VDEMOUT =(VCC/4π)(φSIGN - φCOMPIN) where VDEMOUT is the demodulator output at pin 10; VDEMOUT =VPC2OUT (via low-pass filter). The average output voltage from PC2, fed to the VCO via the low-pass filter and seen at the demodulator output at pin 10 (VDEMOUT), is the resultant of the phase differences of SIGIN and COMPIN as shown in Figure 4. Typical waveforms for the PC2 loop locked at fo are shown in Figure 5. When the frequencies of SIGIN and COMPIN are equal but the phase of SIGIN leads that of COMPIN, the p-type output driver at PC2OUT is held “ON” for a time corresponding to the phase differences ( φDEMOUT). When the phase of SIGIN lags that of COMPIN, the n-type driver is held “ON”. When the frequency of SIGIN is higher than that of COMPIN, the p-type output driver is held “ON” for most of the input sig- nal cycle time, and for the remainder of the cycle both n-type and p-type drivers are “OFF” (three-state). If the SIGIN fre- Pin Descriptions PIN NO. SYMBOL NAME AND FUNCTION 1 LD Lock Detector Output (Active High) 2 PC1OUT Phase Comparator 1 Output 3 COMPIN Comparator Input 4 VCOOUT VCO Output 5 INH Inhibit Input 6C1A Capacitor C1 Connection A 7C1B Capacitor C1 Connection B 8 Gnd Ground (0V) 9 VCOIN VCO Input 10 DEMOUT Demodulator Output 11 R1 Resistor R1 Connection 12 R2 Resistor R2 Connection 13 PC2OUT Phase Comparator 2 Output 14 SIGIN Signal Input 15 CLD Lock Detector Capacitor Input 16 VCC Positive Supply Voltage CD74HC7046A, CD74HCT7046A |
同様の部品番号 - CD74HCT7046AMT |
|
同様の説明 - CD74HCT7046AMT |