データシートサーチシステム |
|
TL074BCNSRE4 データシート(PDF) 3 Page - Texas Instruments |
|
TL074BCNSRE4 データシート(HTML) 3 Page - Texas Instruments |
3 / 41 page TL071, TL071A, TL071B, TL072 TL072A, TL072B, TL074, TL074A, TL074B LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) ORDERING INFORMATION TA VIOmax AT 25 °C PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP (P) Tube of 50 TL071IP TL071IP PDIP (P) Tube of 50 TL072IP TL072IP PDIP (N) Tube of 25 TL074IN TL074IN Tube of 75 TL071ID TL071I −40 °C to 85°C 6 mV Reel of 2500 TL071IDR TL071I −40 C to 85 C 6 mV SOIC (D) Tube of 75 TL072ID TL072I SOIC (D) Reel of 2500 TL072IDR TL072I Tube of 50 TL074ID TL074I Reel of 2500 TL074IDR TL074I CDIP (JG) Tube of 50 TL072MJGB TL072MJGB 6 mV CFP (U) Tube of 150 TL072MUB TL072MUB −55 °C to 125°C 6 mV LCCC (FK) Tube of 55 TL072MFKB TL072MFKB −55 °C to 125°C CDIP (J) Tube of 25 TL074MJB TL074MJB 9 mV CFP (W) Tube of 25 TL074MWB TL074MWB 9 mV LCCC (FK) Tube of 55 TL074MFKB TL074MFKB † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. |
同様の部品番号 - TL074BCNSRE4 |
|
同様の説明 - TL074BCNSRE4 |