データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74TVC3010DBQR データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74TVC3010DBQR
部品情報  10-BIT VOLTAGE CLAMP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC3010DBQR データシート(HTML) 10 Page - Texas Instruments

Back Button SN74TVC3010DBQR Datasheet HTML 6Page - Texas Instruments SN74TVC3010DBQR Datasheet HTML 7Page - Texas Instruments SN74TVC3010DBQR Datasheet HTML 8Page - Texas Instruments SN74TVC3010DBQR Datasheet HTML 9Page - Texas Instruments SN74TVC3010DBQR Datasheet HTML 10Page - Texas Instruments SN74TVC3010DBQR Datasheet HTML 11Page - Texas Instruments SN74TVC3010DBQR Datasheet HTML 12Page - Texas Instruments SN74TVC3010DBQR Datasheet HTML 13Page - Texas Instruments SN74TVC3010DBQR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SN74TVC3010
10-BIT VOLTAGE CLAMP
SCDS088G – APRIL 1999 – REVISED AUGUST 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
features and benefits
The TVC family has several features that benefit a system designer when implementing a
sensitive-I/O-protection solution. Table 1 lists these features and their associated benefits.
Table 1. Features and Benefits
FEATURES
BENEFITS
Any FET can be used as the reference transistor.
Ease of layout
All FETs on one die, tight process control
Very low spread of VO relative to VREF
No active control logic (passive device)
No logic power supply (VCC) required
Flow-through pinout
Ease of trace routing
Devices offered in different bit-widths and packages
Optimizes design and cost effectiveness
Designer flexibility with VREF input
Allows migration to lower-voltage I/Os without board redesign
conclusion
The TI TVC family provides the designer with a solution for protection of circuits with I/Os that are sensitive to
high-state voltage-level overshoots. The flexibility of TVC enables a low-voltage migration path for advanced
designs to align with industry standards.
frequently asked questions (FAQ)
1.
Q: Can any of the transistors in the array be used as the reference transistor?
A: Yes, any transistor can be used as long as its VBIAS pin is connected to the GATE pin.
2.
Q: In the recommended operating conditions table of the data sheet, the typical VBIAS is 3.3 V.
Should VBIAS be equal to or greater than VREF on the reference transistor?
A: VBIAS is a variable that is determined by VREF. VBIAS is connected to VDD through a resistor to allow the
bias voltage to be controlled by VREF. VDD can be as high as 5.5 V. VREF needs to be at least 1 V less
than VDDREF on the reference transistor.
3.
Q: Do both A and B ports have 5-V I/O tolerance or is 5-V I/O tolerance provided only on the low-voltage
side?
A: Both ports are 5-V tolerant.


同様の部品番号 - SN74TVC3010DBQR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74TVC3010DBQR TI1-SN74TVC3010DBQR Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
More results

同様の説明 - SN74TVC3010DBQR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
   10-bit GTL Processor Voltage Clamp
1999 Apr 05
logo
Texas Instruments
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com