データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC4066PWTE4 データシート(PDF) 6 Page - Texas Instruments

部品番号 SN74HC4066PWTE4
部品情報  QUADRUPLE BILATERAL ANALOG SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74HC4066PWTE4 データシート(HTML) 6 Page - Texas Instruments

Back Button SN74HC4066PWTE4 Datasheet HTML 2Page - Texas Instruments SN74HC4066PWTE4 Datasheet HTML 3Page - Texas Instruments SN74HC4066PWTE4 Datasheet HTML 4Page - Texas Instruments SN74HC4066PWTE4 Datasheet HTML 5Page - Texas Instruments SN74HC4066PWTE4 Datasheet HTML 6Page - Texas Instruments SN74HC4066PWTE4 Datasheet HTML 7Page - Texas Instruments SN74HC4066PWTE4 Datasheet HTML 8Page - Texas Instruments SN74HC4066PWTE4 Datasheet HTML 9Page - Texas Instruments SN74HC4066PWTE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SN74HC4066
QUADRUPLE BILATERAL ANALOG SWITCH
SCLS325G – MARCH 1996 – REVISED JULY 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC
VC = VIH
A
B
Open
VCC
VA = VCC TO GND
VCC
GND
(ON)
A
Figure 3. On-State Leakage-Current Test Circuit
VCC
VC = VIH
VI
VO
50 pF
TEST CIRCUIT
tPLH
tPHL
50%
50%
VCC
0 V
50%
50%
VOH
VOL
VI
A or B
VO
B or A
VOLTAGE WAVEFORMS
50
tr
90%
10%
tf
10%
90%
VCC
GND
(ON)
Figure 4. Propagation Delay Time, Signal Input to Signal Output


同様の部品番号 - SN74HC4066PWTE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC4066PW TI-SN74HC4066PW Datasheet
153Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results

同様の説明 - SN74HC4066PWTE4

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
418Kb / 17P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066 Datasheet
540Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066 Datasheet
204Kb / 7P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
153Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI1-SN74AHC4066_14 Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHCT4066 UTC-U74AHCT4066_15 Datasheet
227Kb / 6P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066_15 Datasheet
796Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_15 Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_07 Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com