データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC4066PWTE4 データシート(PDF) 9 Page - Texas Instruments

部品番号 SN74HC4066PWTE4
部品情報  QUADRUPLE BILATERAL ANALOG SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74HC4066PWTE4 データシート(HTML) 9 Page - Texas Instruments

Back Button SN74HC4066PWTE4 Datasheet HTML 5Page - Texas Instruments SN74HC4066PWTE4 Datasheet HTML 6Page - Texas Instruments SN74HC4066PWTE4 Datasheet HTML 7Page - Texas Instruments SN74HC4066PWTE4 Datasheet HTML 8Page - Texas Instruments SN74HC4066PWTE4 Datasheet HTML 9Page - Texas Instruments SN74HC4066PWTE4 Datasheet HTML 10Page - Texas Instruments SN74HC4066PWTE4 Datasheet HTML 11Page - Texas Instruments SN74HC4066PWTE4 Datasheet HTML 12Page - Texas Instruments SN74HC4066PWTE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SN74HC4066
QUADRUPLE BILATERAL ANALOG SWITCH
SCLS325G – MARCH 1996 – REVISED JULY 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VO1
RL
600
CL
50 pF
VCC
50
fin
VCC/2
VC = VCC
0.1
µF
VI
VI
(VI = 0 dBm at f = 1 MHz)
VO2
VCC
Rin
600
VCC/2
VC = GND
Rin
600
VCC
GND
(ON)
VCC
GND
(OFF)
RL
600
CL
50 pF
Figure 9. Crosstalk Between Any Two Switches
VO
VCC
50
fin
VC = GND
0.1
µF
VI
VI
(VI = 0 dBm at f = 1 MHz)
VCC
GND
(OFF)
Rin
600
RL
600
CL
50 pF
VCC/2
VCC/2
Figure 10. Feed Through, Switch Off
VI
(VI = 0 dBm at f = 1 kHz)
VO
RL
10 k
CL
50 pF
VCC
VCC/2
VC = VCC
10
µF
VI
fin
VCC
GND
(ON)
Figure 11. Amplitude-Distortion Rate


同様の部品番号 - SN74HC4066PWTE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC4066PW TI-SN74HC4066PW Datasheet
153Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results

同様の説明 - SN74HC4066PWTE4

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
418Kb / 17P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066 Datasheet
540Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066 Datasheet
204Kb / 7P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
153Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI1-SN74AHC4066_14 Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHCT4066 UTC-U74AHCT4066_15 Datasheet
227Kb / 6P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066_15 Datasheet
796Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_15 Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_07 Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com