データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74TVC3010PWRG4 データシート(PDF) 6 Page - Texas Instruments

部品番号 SN74TVC3010PWRG4
部品情報  10-BIT VOLTAGE CLAMP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC3010PWRG4 データシート(HTML) 6 Page - Texas Instruments

Back Button SN74TVC3010PWRG4 Datasheet HTML 2Page - Texas Instruments SN74TVC3010PWRG4 Datasheet HTML 3Page - Texas Instruments SN74TVC3010PWRG4 Datasheet HTML 4Page - Texas Instruments SN74TVC3010PWRG4 Datasheet HTML 5Page - Texas Instruments SN74TVC3010PWRG4 Datasheet HTML 6Page - Texas Instruments SN74TVC3010PWRG4 Datasheet HTML 7Page - Texas Instruments SN74TVC3010PWRG4 Datasheet HTML 8Page - Texas Instruments SN74TVC3010PWRG4 Datasheet HTML 9Page - Texas Instruments SN74TVC3010PWRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SN74TVC3010
10-BIT VOLTAGE CLAMP
SCDS088G – APRIL 1999 – REVISED AUGUST 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
TVC voltage-limiting application
For the voltage-limiting configuration, the common GATE input must be connected to one side (A or B) of any
one of the transistors (see Figure 3). This connection determines the VBIAS input of the reference transistor. The
VBIAS input is connected through a pullup resistor (typically, 200 kΩ ) to the VDD supply. A filter capacitor on VBIAS
is recommended. The opposite side of the reference transistor is used as the reference voltage (VREF)
connection. The VREF input must be less than VDDREF – 1 V to bias the reference transistor into conduction.
The reference transistor regulates the gate voltage (VGATE) of all the pass transistors. VGATE is determined by
the characteristic gate-to-source voltage difference (VGS) because VGATE = VREF + VGS. The low-voltage side
of the pass transistors has a high-level voltage limited to a maximum of VGATE – VGS, or VREF.
200 k
VDDREF = 3.3 V
150
150
150
150
Open-Drain
CPU Interface
Motherboard
Interface
3
A2
4
A3
5
A4
12
A11
1
VDPU
TVC3010
GATE†
24
B1 (VBIAS)†
23
2
A1 (VREF)†
† VREF and VBIAS can be applied to any one of the pass transistors. GATE must be connected externally to VBIAS.
B2
22
B3
21
B4
20
B11
13
Figure 3. Typical Application Circuit


同様の部品番号 - SN74TVC3010PWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74TVC3010PWR TI1-SN74TVC3010PWR Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
More results

同様の説明 - SN74TVC3010PWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
   10-bit GTL Processor Voltage Clamp
1999 Apr 05
logo
Texas Instruments
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com