データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC1GU04 データシート(PDF) 1 Page - Texas Instruments

部品番号 SN74AHC1GU04
部品情報  SINGLE INVERTER GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC1GU04 データシート(HTML) 1 Page - Texas Instruments

  SN74AHC1GU04_07 Datasheet HTML 1Page - Texas Instruments SN74AHC1GU04_07 Datasheet HTML 2Page - Texas Instruments SN74AHC1GU04_07 Datasheet HTML 3Page - Texas Instruments SN74AHC1GU04_07 Datasheet HTML 4Page - Texas Instruments SN74AHC1GU04_07 Datasheet HTML 5Page - Texas Instruments SN74AHC1GU04_07 Datasheet HTML 6Page - Texas Instruments SN74AHC1GU04_07 Datasheet HTML 7Page - Texas Instruments SN74AHC1GU04_07 Datasheet HTML 8Page - Texas Instruments SN74AHC1GU04_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN74AHC1GU04
SINGLE INVERTER GATE
SCLS343Q− APRIL 1996 − REVISED JUNE 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Range 2-V to 5.5-V VCC
D Unbuffered Output
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
3
2
4
5
1
NC
VCC
Y
A
GND
DBV PACKAGE
(TOP VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
5
1
NC
VCC
Y
A
GND
3
2
4
5
1
NC
VCC
Y
A
GND
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
NC – No internal connection
description/ordering information
The SN74AHC1GU04 contains a single inverter gate. The device performs the Boolean function Y
= A. Internal
circuitry consists of a single-stage inverter that can be used in analog applications, such as crystal oscillators.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
SOT (SOT-23) − DBV
Reel of 3000
SN74AHC1GU04DBVR
AU4_
SOT (SOT-23) − DBV
Reel of 250
SN74AHC1GU04DBVT
AU4_
−40
°C to 85°C
SOT (SC-70) − DCK
Reel of 3000
SN74AHC1GU04DCKR
AD_
−40 C to 85 C
SOT (SC-70) − DCK
Reel of 250
SN74AHC1GU04DCKT
AD_
SOT (SOT-553) − DRL
Reel of 4000
SN74AHC1GU04DRLR
AD_
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ The actual top-side marking has one additional character that designates the assembly/test site.
FUNCTION TABLE
INPUT
A
OUTPUT
Y
H
L
L
H
logic diagram (positive logic)
AY
24
Copyright
 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


同様の部品番号 - SN74AHC1GU04_07

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC1GU04 TI-SN74AHC1GU04_09 Datasheet
475Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
More results

同様の説明 - SN74AHC1GU04_07

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04_10 Datasheet
445Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74AHC1G04 DIODES-74AHC1G04_11 Datasheet
180Kb / 8P
   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com