データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML12210 データシート(PDF) 5 Page - LANSDALE Semiconductor Inc.

部品番号 ML12210
部品情報  Serial Input PLL Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12210 データシート(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML12210 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.lansdale.com
Page 5 of 11
Issue A
LANSDALE Semiconductor, Inc.
ML12210
PROGRAMMABLE DIVIDER
19–bit serial data format for the programmable divider is shown below. If the control bit is LOW, data is transferred from the 18–bit shift
register into the 18–bit latch which specifies the swallow A–counter divide ratio (0 to 127) and the programmable N–counter divide ratio
(16 to 2047). An N–counter divide ratio less than 16 is prohibited.
For Control bit (C) = LOW:
SETTING BITS FOR
DIVIDE RATIO OF
SWALLOW A–COUNTER
C
A
1
A
2
A
3
A
4
A
5
A
6
A
7
N
8
N
9
N
10
N
11
N
12
N
13
N
14
N
15
LSB
MSB (FIRST BIT)
CONTROL BIT (LAST BIT)
N
16
N
17
N
18
SETTING BITS FOR
DIVIDE RATIO OF
PROGRAMMABLE N–COUNTER
DIVIDE RATIO OF PROGRAMMABLE N–COUNTER
DIVIDE RATIO OF SWALLOW A–COUNTER
Divide
Ratio N
N
18
N
17
N
16
N
15
N
14
N
13
N
12
N
11
N
10
N
9
N
8
Divide
Ratio A
A
7
A
6
A
5
A
4
A
3
A
2
A
1
16
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
17
0
0
0
0
0
0
1
0
0
0
1
1
0
0
0
0
0
0
1
2047
1
1
1
1
1
1
1
1
1
1
1
127
1
1
1
1
1
1
1
DIVIDE RATIO SETTING
fvco = [(P • N)+A] • fosc
÷ R with A<N
fvco: Output frequency of external voltage controlled oscillator (VCO)
N:
Preset divide ratio of binary 11–bit programmable counter (16 to 2047)
A:
Preset divide ratio of binary 7–bit swallow counter (0 to 127, A<N)
fosc: Output frequency of the external frequency oscillator
R:
Preset divide ratio of binary 14–bit programmable reference counter (8 to 16383)
P:
Preset mode of dual modulus prescaler (32 or 64)
Figure 2. Serial Data Input Timing
N18:MSB
N17
(SW:MSB)
(R14)
N8
A7
(R7)
(R6)
A1
C = CONTROL BIT (LAST BIT)
(R1)
(C = CONTROL BIT (LAST BIT))
ts(D)
th(D)
tCW
ts(C→LE)
tEW
DATA
CLK
LE
NOTES: Programmable reference divider data shown in parenthesis. Data shifted into register on rising edge of CLK.
ts(D) = Setup Time DATA to CLK
ts(D) ≥ 10 ns
th(D) = Hold Time DATA to CLK
th(D) ≥ 20 ns
tCW = CLK Pulse Width
tCW ≥ 30 ns
tEW = LE Pulse Width
tEW ≥ 20 ns
ts(C→LE) = Setup Time CLK to LE
ts(C→LE) ≥ 30 ns


同様の部品番号 - ML12210

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210 Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
ML12210-5P LANSDALE-ML12210-5P Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
ML12210 LANSDALE-ML12210_08 Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
More results

同様の説明 - ML12210

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210_08 Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com