データシートサーチシステム |
|
MC145406DW データシート(PDF) 4 Page - LANSDALE Semiconductor Inc. |
|
MC145406DW データシート(HTML) 4 Page - LANSDALE Semiconductor Inc. |
4 / 10 page www.lansdale.com Page 4 of 10 Issue A LANSDALE Semiconductor, Inc. ML145406 Vin = ± 2V 3 5 7 14 12 10 89 116 VDD VCC DI1 DI2 DI3 VSS GND Tx3 Tx2 Tx1 Rout = Vin I Figure 1. Power–Off Source Resistance (Drivers) Figure 2. Switching Characteristics Figure 3. Slew–Rate Characterization DRIVERS DI1–DI3 3 V 0 V VOH VOL Tx1–Tx3 tPLH tPHL 50% tf tr 10% 90% RECEIVERS Rx1–Rx3 DO1–DO3 + 3 V 0 V VOH VOL tPLH tPHL tf tr 50% DRIVERS Tx1–Tx3 90% 50% 3 V – 3 V 3 V – 3 V tSHL tSLH SLEW RATE (SR) = – 3 V – (3 V) OR 3 V – ( – 3 V) tSLH tSHL 10% PIN DESCRIPTIONS VDD Positive Power Supply (Pin 1) The most positive power supply pin, which is typically + 5 to +12V. VSS Negative Power Supply (Pin 8) The most negative power supply pin, which is typically – 5 to –12 V. VCC Digital Power Supply (Pin 16) The digital supply pin, which is connected to the logic power sup- ply (maximum +5.5 V). VCC must be less than or equal to VDD. GND Ground (Pin 9) Ground return pin is typically connected to the signal ground pin of the EIA 232–E connector (Pin 7) as well as to the logic power supply ground. Rx1, Rx2, Rx3 Receive Data Input (Pins 2, 4, 6) These are the EIA 232–E receive signal inputs whose volt- ages can range from (VDD + 15 V) to (VSS – 15 V). A volt- age between +3 and (VDD + 15 V) is decoded as a space and causes the corresponding DO pin to swing to ground (0V); a voltage between – 3 and (VDD – 15 V) is decoded as a mark and causes the DO pin to swing up to VCC. The actual turn–on input switch point is typically biased at 1.8 V above ground, and includes 800mV of hysteresis for noise rejection. The nominal input impedance is 5 k Ω. An open or grounded input pin is interpreted as a mark, forcing the DO pin to VCC. DO1, DO2, DO3 Data Output (Pins 11, 13, 15) These are the receiver digital output pins, which swing from VCC to GND. A space on the Rx pin causes DO to produce a logic 0; a mark produces a logic 1. Each output pin is capable of driving one LSTTL input load. DI1, DI2, DI3 Data Input (Pins 10, 12,14) These are the high–impedance digital input pins to the driv- ers. TTL compatibility is accomplished by biasing the input switchpoint at 1.4 V above GND. However, 5V CMOS compat- ibility is maintained as well. Input voltage levels on these pins must be between VCC and GND. Tx1, Tx2, Tx3 Transmit Data Output(Pins 3, 5, 7) These are the EIA 232–E transmit signal output pins, which swing toward VDD and VSS. A logic 1 at a DI input causes the corresponding Tx output to swing toward VSS. A logic 0 caus- es the output to swing toward VDD (the output voltages will be slightly less than VDD or VSS depending upon the output load). Output slew rates are limited to a maximum of 30 V per µs. When the ML145406 is off (VDD = VSS = VCC= GND), the minimum output impedance is 300 Ω. |
同様の部品番号 - MC145406DW |
|
同様の説明 - MC145406DW |