データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC8806 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC8806
部品情報  14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC8806 データシート(HTML) 11 Page - Texas Instruments

Back Button DAC8806 Datasheet HTML 7Page - Texas Instruments DAC8806 Datasheet HTML 8Page - Texas Instruments DAC8806 Datasheet HTML 9Page - Texas Instruments DAC8806 Datasheet HTML 10Page - Texas Instruments DAC8806 Datasheet HTML 11Page - Texas Instruments DAC8806 Datasheet HTML 12Page - Texas Instruments DAC8806 Datasheet HTML 13Page - Texas Instruments DAC8806 Datasheet HTML 14Page - Texas Instruments DAC8806 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
1.8
2.3
2.8
3.3
3.8
V
(V)
DD
4.3
4.8
5.3 5.5
V
=10V
REF
V
=2.5V
REF
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
1.8
2.3
2.8
3.3
3.8
V
(V)
DD
4.3
4.8
5.3 5.5
V
=10V
REF
V
=2.5V
REF
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
1.8
2.3
2.8
3.3
3.8
V
(V)
DD
4.3
4.8
5.3 5.5
V
=10V
REF
V
=2.5V
REF
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
1.8
2.3
2.8
3.3
3.8
V
(V)
DD
4.3
4.8
5.3 5.5
V
=10V
REF
V
=2.5V
REF
45
55
65
75
85
95
105
115
-
-
-
-
-
-
-
-
10
100
1000
10k 20k 30k
Frequency(Hz)
500kHzFilter
80kHzFilter
30kHzFilter
Code3FFFh
V
=6V
REF
RMS
DD
1
V
=+5V
TwoOPA627s
C =20pF
45
55
65
75
85
95
105
115
-
-
-
-
-
-
-
-
10
100
1000
10k 20k 30k
Frequency(Hz)
500kHzFilter
80kHzFilter
30kHzFilter
Code0000h
V
=6V
REF
RMS
1
DD
V
=+5V
TwoOPA627s
C =20pF
DAC8806
SBAS385A – APRIL 2006 – REVISED JUNE 2006
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, unless otherwise noted.
INTEGRAL NONLINEARITY vs
INTEGRAL NONLINEARITY vs
VDD UNIPOLAR MODE
VDD BIPOLAR MODE
Figure 31.
Figure 32.
DIFFERENTIAL NONLINEARITY vs
DIFFERENTIAL NONLINEARITY vs
VDD UNIPOLAR MODE
VDD BIPOLAR MODE
Figure 33.
Figure 34.
BIPOLAR MULTIPLYING MODE THD
BIPOLAR MULTIPLYING MODE THD
vs FREQUENCY
vs FREQUENCY
Figure 35.
Figure 36.
11
Submit Documentation Feedback


同様の部品番号 - DAC8806

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8806 TI-DAC8806 Datasheet
1Mb / 22P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
REVISED FEBRUARY 2008
DAC8806I TI-DAC8806I Datasheet
1Mb / 22P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
REVISED FEBRUARY 2008
DAC8806IDB TI-DAC8806IDB Datasheet
1Mb / 22P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
REVISED FEBRUARY 2008
DAC8806IDBR TI-DAC8806IDBR Datasheet
1Mb / 22P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
REVISED FEBRUARY 2008
DAC8806 TI-DAC8806_15 Datasheet
1Mb / 22P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
REVISED FEBRUARY 2008
More results

同様の説明 - DAC8806

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8806 TI-DAC8806_15 Datasheet
1Mb / 22P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
REVISED FEBRUARY 2008
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8820 TI-DAC8820 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com