データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL494CPWRE4 データシート(PDF) 8 Page - Texas Instruments

部品番号 TL494CPWRE4
部品情報  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL494CPWRE4 データシート(HTML) 8 Page - Texas Instruments

Back Button TL494CPWRE4 Datasheet HTML 4Page - Texas Instruments TL494CPWRE4 Datasheet HTML 5Page - Texas Instruments TL494CPWRE4 Datasheet HTML 6Page - Texas Instruments TL494CPWRE4 Datasheet HTML 7Page - Texas Instruments TL494CPWRE4 Datasheet HTML 8Page - Texas Instruments TL494CPWRE4 Datasheet HTML 9Page - Texas Instruments TL494CPWRE4 Datasheet HTML 10Page - Texas Instruments TL494CPWRE4 Datasheet HTML 11Page - Texas Instruments TL494CPWRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Df = 1%
40
10
100
1 k
4 k
10 k
40 k
100 k
400 k
1 M
OSCILLATOR FREQUENCY AND
FREQUENCY VARIATION
vs
TIMING RESISTANCE
400
1 k
4 k
10 k
40 k
100 k
RT − Timing Resistance − Ω
0.1
µF
−2%
−1%
0%
0.01
µF
0.001
µF
VCC = 15 V
TA = 25°C
CT = 1 µF
Frequency variation (
∆f) is the change in oscillator frequency that occurs over the full temperature range.
10
0
100
20
1
10
100
1 M
30
f − Frequency − Hz
AMPLIFIER VOLTAGE AMPLIFICATION
vs
FREQUENCY
1 k
VCC = 15 V
∆VO = 3 V
TA = 25°C
10 k
40
50
60
70
80
90
100 k
TL494
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS074E – JANUARY 1983 – REVISED FEBRUARY 2005
Figure 5.
Figure 6.
8


同様の部品番号 - TL494CPWRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL494CPWRE4 TI-TL494CPWRE4 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494CPWRE4 TI-TL494CPWRE4 Datasheet
614Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

同様の説明 - TL494CPWRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com