データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1C10300292 データシート(PDF) 2 Page - Bookham, Inc.

部品番号 MC1C10300292
部品情報  10 Channel Optical Add/Drop Multiplexer with Band VOAs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOOKHAM [Bookham, Inc.]
ホームページ  
Logo BOOKHAM - Bookham, Inc.

MC1C10300292 データシート(HTML) 2 Page - Bookham, Inc.

  MC1C10300292 Datasheet HTML 1Page - Bookham, Inc. MC1C10300292 Datasheet HTML 2Page - Bookham, Inc. MC1C10300292 Datasheet HTML 3Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Sheet
2
Functional Diagram
Example of typical module configuration
10 drop channels
10 add channels
Demux Express
Demux Common
Mux Express
Mux Common
Module Parameters
Region
Measure from => to
Specification
Unit
Number of Channels
10
Channel Spacing
100
GHz
Channel Frequency
option 20
ITU Z to ITU Z+9
GHz
Passband Region
ITU ± 0.11
nm
Insertion Loss [1]
Passband
Common => Ports 1-10
5.8
Max
dB
Common => Express
0.9
Max
dB
IL Variation
Passbands
Common => Ports 1-10
0.5
Max
dB
Channel to Channel Variation
Passband
Common => Ports 1-10
1.0
Max
dB
Isolation
Adj Ch
Common => Ports 1-10
25
Min
dB
Non-Adj Ch
Common => Ports 1-10
40
Min
dB
Add/Drop
Common => Express
13
Min
dB
Return Loss
45
Min
dB
Polarization Dependant Loss
0.25
Max
dB
Polarization Mode Dispersion
0.4
Max
ps
Power Handling
300
Min
mW
Operating Temperature
-5 to 70
°C
Storage Temperature
-40 to 85
°C
Dimensions
135x81x19
mm
[1] Losses include connectors, taps and VOAs at minimum attentuation.
VOA Parameters
Specification
Unit
VOA Mode
Normally Dark
Attenuation Range
30
min
dB
Response Time
10
max
ms
Control Voltage
5
max
Vdc
Minimum Attenutaion Voltage
4.7 + 0.3
Vdc
Tap/Detector Parameters
Specification
Unit
Tap Ratio
5/95
Responsivity
45
min uA/m W
Linearity
+10
%
Operating Bias Voltage
5
V
10 Channel Add/Drop Multiplexer with Band VOAs; 100GHz Channels
Specifications (valid over operating temperature)


同様の部品番号 - MC1C10300292

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
MC1CJN0600 AMPHENOL-MC1CJN0600 Datasheet
73Kb / 1P
   Straight Plug, 6 Pos
MC1CJN0800 AMPHENOL-MC1CJN0800 Datasheet
65Kb / 1P
   Straight Plug, 8 Pos
More results

同様の説明 - MC1C10300292

メーカー部品番号データシート部品情報
logo
Bookham, Inc.
MXWL04010315 BOOKHAM-MXWL04010315 Datasheet
169Kb / 3P
   4 Band (10-skip-0) Optical Add/Drop Multiplexer for 40 Channel systems
logo
OPLINK Communications I...
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
   Add/Drop Optical Fiber Switches
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
logo
JDS Uniphase Corporatio...
WDM-CAD01000 JDSU-WDM-CAD01000 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
logo
Bookham, Inc.
CBWSLU1115533290653 BOOKHAM-CBWSLU1115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
logo
OPLINK Communications I...
OFMS12DUD0 OPLINK-OFMS12DUD0 Datasheet
306Kb / 2P
   Single Mode Dual Add/Drop Optical Fiber Switches
logo
List of Unclassifed Man...
CP1122A ETC-CP1122A Datasheet
112Kb / 2P
   STM-1 Single Chip Add/Drop Multiplexer System device
CP1122 ETC-CP1122 Datasheet
115Kb / 2P
   STM-1 Single Chip Add/Drop Multiplexer System device
Rev1.0 March, 2005
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com