データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMBT3906DW1T1G データシート(PDF) 3 Page - Leshan Radio Company

部品番号 LMBT3906DW1T1G
部品情報  Dual Bias Resistor Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT3906DW1T1G データシート(HTML) 3 Page - Leshan Radio Company

  LMBT3906DW1T1G Datasheet HTML 1Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 2Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 3Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 4Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 5Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 6Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 7Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT3906DW1T1G
Figure 1. Delay and Rise Time
Equivalent Test Circuit
Figure 2. Storage and Fall Time
Equivalent Test Circuit
3 V
275
10 k
1N916
Cs < 4 pF*
3 V
275
10 k
Cs < 4 pF*
< 1 ns
+0.5 V
10.6 V
300 ns
DUTY CYCLE = 2%
< 1 ns
+9.1 V
10.9 V
DUTY CYCLE = 2%
t1
0
10 < t1 < 500 ms
* Total shunt capacitance of test jig and connectors
TYPICAL TRANSIENT CHARACTERISTICS
Figure 3. Capacitance
REVERSE BIAS (VOLTS)
2.0
3.0
5.0
7.0
10
1.0
0.1
Figure 4. Charge Data
IC, COLLECTOR CURRENT (mA)
5000
1.0
VCC = 40 V
IC/IB = 10
3000
2000
1000
500
300
200
700
100
50
70
2.0 3.0
5.0 7.0 10
20 30
50 70 100
200
1.0
2.0 3.0 5.0 7.0 10
20 30 40
0.2 0.3 0.5 0.7
QT
QA
Cibo
Cobo
TJ = 25°C
TJ = 125°C
Figure 5. Turn–On Time
IC, COLLECTOR CURRENT (mA)
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
Figure 6. Fall Time
IC, COLLECTOR CURRENT (mA)
5.0 7.0
30
50
200
10
30
7
20
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
VCC = 40 V
IB1 = IB2
IC/IB = 20
IC/IB = 10
IC/IB = 10
tr @ VCC = 3.0 V
td @ VOB = 0 V
40 V
15 V
2.0 V
3/9


同様の部品番号 - LMBT3906DW1T1G

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LMBT3906DW1T1G LRC-LMBT3906DW1T1G_15 Datasheet
236Kb / 6P
   Dual Bias Resistor Transistor
More results

同様の説明 - LMBT3906DW1T1G

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LMBT3906DW1T1 LRC-LMBT3906DW1T1 Datasheet
188Kb / 6P
   Dual Bias Resistor Transistor
logo
ON Semiconductor
NSB1706DMW5T1 ONSEMI-NSB1706DMW5T1 Datasheet
49Kb / 3P
   Dual Bias Resistor Transistor
May, 2006 ??Rev. 3
IMD10AMT1G ONSEMI-IMD10AMT1G Datasheet
97Kb / 5P
   Dual Bias Resistor Transistor
April, 2012 ??Rev. 0
IMH20T1G ONSEMI-IMH20T1G Datasheet
23Kb / 4P
   Dual Bias Resistor Transistor
July, 2003 - Rev. 0
IMD10AMT1G ONSEMI-IMD10AMT1G_14 Datasheet
62Kb / 5P
   Dual Bias Resistor Transistor
May, 2014 ??Rev. 1
IMD10AMT1G ONSEMI-IMD10AMT1G_V01 Datasheet
63Kb / 5P
   Dual Bias Resistor Transistor
May, 2017 ??Rev. 2
logo
WILLAS ELECTRONIC CORP
MMBT3906DW1T1 WILLAS-MMBT3906DW1T1 Datasheet
349Kb / 6P
   Dual Bias Resistor Transistor
logo
ON Semiconductor
NSB1706DMW5T1G ONSEMI-NSB1706DMW5T1G_09 Datasheet
123Kb / 3P
   Dual Bias Resistor Transistor
October, 2009 ??Rev. 4
IMH20TR1G ONSEMI-IMH20TR1G Datasheet
30Kb / 2P
   Dual Bias Resistor Transistor
January, 2004 ??Rev. 0
logo
Weitron Technology
MUN5111DW WEITRON-MUN5111DW_09 Datasheet
379Kb / 12P
   Dual Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com