データシートサーチシステム |
|
AD7845AQ データシート(PDF) 6 Page - Analog Devices |
|
AD7845AQ データシート(HTML) 6 Page - Analog Devices |
6 / 12 page AD7845 REV. B –6– PIN FUNCTION DESCRIPTION (DIP) Pin Mnemonic Description 1VOUT Voltage Output Terminal 2-11 DB11–DB2 Data Bit 11 (MSB) to Data Bit 2 12 DGND Digital Ground. The metal lid on the ceramic package is connected to this pin 13-14 DB1–DB0 Data Bit 1 to Data Bit 0 (LSB) 15 WR Write Input. Active low 16 CS Chip Select Input. Active low 17 VREF Reference Input Voltage which can be an ac or dc signal 18 AGND Analog Ground. This is the reference point for external analog circuitry 19 VSS Negative power supply for the output amplifier (nominal –12 V to +15 V) 20 VDD Positive power supply (nominal +12 V to +15 V) 21 RA Application resistor. RA = 4 RFB 22 RB Application resistor. RB = 2 RFB 23 RC Application resistor. RC = 2 RFB 24 RFB Feedback resistor in the DAC. For normal operation this is connected to VOUT CIRCUIT INFORMATION Digital Section Figure 11 is a simplified circuit diagram of the AD7845 input control logic. When CS and WR are both low, the DAC latch is loaded with the data on the data inputs. All the digital inputs are TTL, HCMOS and +5 V CMOS compatible, facilitating easy microprocessor interfacing. All digital inputs incorporate standard protection circuitry. Figure 11. AD7845 Input Control Logic D/A Section Figure 12 shows a simplified circuit diagram for the AD7845 D/A section and output amplifier. A segmented scheme is used whereby the 2 MSBs of the 12-bit data word are decoded to drive the three switches A-C. The remaining 10 bits drive the switches (S0–S9) in a standard R-2R ladder configuration. R RR 2R 2R 2R 2R 2R BA S9 2R C VREF S8 S0 SHOWN FOR ALL 1s ON DAC 2R IOUT AGND Figure 12. Simplified Circuit Diagram for the AD7845 D/A Section Each of the switches A–C steers 1/4 of the total reference cur- rent with the remaining 1/4 passing through the R-2R section. An output amplifier and feedback resistor perform the current- to-voltage conversion giving VOUT = – D × V REF where D is the fractional representation of the digital word. (D can be set from 0 to 4095/4096.) The amplifier can maintain ±10 V across a 2 kΩ load. It is inter- nally compensated and settles to 0.01% FSR (1/2 LSB) in less than 5 µs. The input offset voltage is laser trimmed at wafer level. The amplifier slew rate is typically 11 V/ µs, and the unity gain small signal bandwidth is 600 kHz. There are three extra on-chip resistors (RA, RB, RC) connected to the amplifier invert- ing terminal. These are useful in a number of applications in- cluding offset adjustment and gain ranging. |
同様の部品番号 - AD7845AQ |
|
同様の説明 - AD7845AQ |