データシートサーチシステム |
|
LM324APWRE4 データシート(PDF) 1 Page - Texas Instruments |
|
LM324APWRE4 データシート(HTML) 1 Page - Texas Instruments |
1 / 29 page LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V, LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV QUADRUPLE OPERATIONAL AMPLIFIERS SLOS066R − SEPTEMBER 1975 − REVISED JANUARY 2005 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 2-kV ESD Protection for: − LM224K, LM224KA − LM324K, LM324KA − LM2902K, LM2902KV, LM2902KAV D Wide Supply Ranges − Single Supply ...3 V to 32 V (26 V for LM2902) − Dual Supplies . . . +1.5 V to +16 V ( +13 V for LM2902) D Low Supply-Current Drain Independent of Supply Voltage . . . 0.8 mA Typ D Common-Mode Input Voltage Range Includes Ground, Allowing Direct Sensing Near Ground D Low Input Bias and Offset Parameters − Input Offset Voltage ...3 mV Typ A Versions ...2 mV Typ − Input Offset Current ...2 nA Typ − Input Bias Current...20 nA Typ A Versions . . . 15 nA Typ D Differential Input Voltage Range Equal to Maximum-Rated Supply Voltage ...32 V (26 V for LM2902) D Open-Loop Differential Voltage Amplification . . . 100 V/mV Typ D Internal Frequency Compensation description/ordering information These devices consist of four independent high-gain frequency-compensated operational amplifiers that are designed specifically to operate from a single supply over a wide range of voltages. Operation from split supplies also is possible if the difference between the two supplies is 3 V to 32 V (3 V to 26 V for the LM2902), and VCC is at least 1.5 V more positive than the input common-mode voltage. The low supply-current drain is independent of the magnitude of the supply voltage. Applications include transducer amplifiers, dc amplification blocks, and all the conventional operational-amplifier circuits that now can be more easily implemented in single-supply-voltage systems. For example, the LM124 can be operated directly from the standard 5-V supply that is used in digital systems and provides the required interface electronics, without requiring additional ±15-V supplies. Copyright 2004, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1OUT 1IN− 1IN+ VCC 2IN+ 2IN− 2OUT 4OUT 4IN− 4IN+ GND 3IN+ 3IN− 3OUT LM124 . . . D, J, OR W PACKAGE LM124A ...J PACKAGE LM224, LM224A, LM224K, LM224KA ...D OR N PACKAGE LM324, LM324K . . . D, N, NS, OR PW PACKAGE LM324A . . . D, DB, N, NS, OR PW PACKAGE LM324KA . . . D, N, NS, OR PW PACKAGE LM2902 . . . D, N, NS, OR PW PACKAGE LM2902K . . . D, DB, N, NS, OR PW PACKAGE LM2902KV, LM2902KAV ...D OR PW PACKAGE (TOP VIEW) 3 2 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 4IN+ NC GND NC 3IN+ 1IN+ NC VCC NC 2IN+ LM124, LM124A . . . FK PACKAGE (TOP VIEW) NC − No internal connection On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
同様の部品番号 - LM324APWRE4 |
|
同様の説明 - LM324APWRE4 |