データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5370B データシート(PDF) 4 Page - Pan Jit International Inc.

部品番号 1N5370B
部品情報  GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N5370B データシート(HTML) 4 Page - Pan Jit International Inc.

  1N5370B Datasheet HTML 1Page - Pan Jit International Inc. 1N5370B Datasheet HTML 2Page - Pan Jit International Inc. 1N5370B Datasheet HTML 3Page - Pan Jit International Inc. 1N5370B Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE . 4
REV.0-APR.12.2005
Vz,ZENER VOLTAGE@Iz (VOLTS)
T
030
60
90
120
150
0
2
4
6
8
T, LEAD TEMPERATURE (
OC)
L
Fig.1 Power temperature Derating Curve
RATING A ND CHARACTERISTIC CURVES
1
0.1
0.2
0.5
1
2
5
10
20
30
10
100
1000
Vz=3.3V
Vz=100V
PW, PULSE WIDTH (ms)
Fig.3 Peak Surge Current versus Pulse Width
Fig.2 Temperature Coefficient-Range
forUnits10to100 Volts
80
Vz, ZENER VOLTAGE (VOLTS)
Vz, ZENER VOLTAGE (VOLTS)
0.1
1
10
100
100
120
140
160
180
200
220
l
e
.a
u
i
no
e vers
ene
F g 4Z
rV t
s Z
r Current
eg
Vz=3.3 Thru 10 Volts
Th
Fig.6 Zener Voltage versus Zener Current
Vz=82 Thru 100 Volts
0
5
10
20
30
50
100
200
300
400
20
40
60
80
100
120
140
160
180
200
220
1
2
3
4
5
6
7
8
9
10
1000
100
10
1
0.1
T=25 C
O
Tc=25 C
O
T=25 C
O
10
Vz, ZENER VOLTAGE (VOLTS)
0.1
1
10
100
1000
20
30
40
50
60
70
80
Fig.5 Zener Voltage versus Zener Current
Vz=11 Thru 75 Volts


同様の部品番号 - 1N5370B

メーカー部品番号データシート部品情報
logo
Motorola, Inc
1N5370B MOTOROLA-1N5370B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
New Jersey Semi-Conduct...
1N5370B NJSEMI-1N5370B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Semikron International
1N5370B SEMIKRON-1N5370B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Diotec Semiconductor
1N5370B DIOTEC-1N5370B Datasheet
131Kb / 2P
   Zener Diodes
logo
New Jersey Semi-Conduct...
1N5370B NJSEMI-1N5370B Datasheet
168Kb / 1P
   DIODE
More results

同様の説明 - 1N5370B

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ11 PANJIT-3EZ11_04 Datasheet
294Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB5913B TAYCHIPST-1SMB5913B Datasheet
13Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com