データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM1510 データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 AM1510
部品情報  1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

AM1510 データシート(HTML) 1 Page - Pan Jit International Inc.

  AM1510 Datasheet HTML 1Page - Pan Jit International Inc. AM1510 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-SEP.05.2003
FEATURES
• Ratings to 1000V PRV
• Surge overload rating: 50 Amperes peak
• Ideal for printed circuit board
• Reliable low cost construction utilizing molded plastic
technique
• Mounting position:Any
AM150~AM1510
1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES
MECHANICALDATA
Case:Reliable low cost construction utilizing molded
plastic technique results in inexpensive product.
Terminals: Leads solderable per MIL-STD-202,
Method 208
Polarity :Polarity symbols marking on body.
Weight: 0.05 ounce, 1.3 grams
DATA SHEET
Recongnized File # E111753
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
NOTES:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.47 X 0.47"(12 X 12mm) copper pads.
AM
Unit: inch (mm)
.370(9.4)
.339(8.6)
.031(0.8)
.028(0.7)
.220(5.6)
.181(4.6)
Bottom View
VOLTAGE
50 to 600 Volts
1.5 Amperes
CURRENT
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S0
5
1
M
A1
5
1
M
A2
5
1
M
A4
5
1
M
A6
5
1
M
A8
5
1
M
A0
1
5
1
M
AS
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
VRRM
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
e
g
a
tl
o
V
t
u
p
n
I
e
g
d
i
r
B
S
M
R
m
u
m
i
x
a
M
VRMS
5
30
70
4
10
8
20
2
40
6
50
0
7V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
VDC
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
T
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
A
0
5
=
O CIAV
5
.
1A
e
v
a
w
-
e
n
i
s
fl
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
IFSM
0
5A
I2
)
s
m
5
3
.
8
<
t
(
g
n
i
s
u
f
r
o
f
g
n
it
a
R
t
I2t0
1A2t
A
0
.
1
t
a
t
n
e
m
e
l
E
e
g
d
i
r
B
r
e
p
p
o
r
D
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
VF
0
.
1V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
IR
T
@
0
1
A
5
2
=
O C
T
@
0
0
0
1
A
0
0
1
=
O C
A
u
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
it
c
n
u
J
l
a
c
i
p
y
T
CJ
4
2F
p
)
2
e
t
o
N
(
(
g
e
l
r
e
p
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
)
2
e
t
o
N
(
(
g
e
l
r
e
p
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
R
θ A
J
R
θ L
J
6
3
3
1
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
g
n
it
a
r
e
p
O
TJ
5
2
1
+
o
t
5
5
-
O C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
G
T
S
T
0
5
1
+
o
t
5
5
-
O C


同様の部品番号 - AM1510

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
AM1510 PANJIT-AM1510 Datasheet
41Kb / 2P
   1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Transys Electronics
AM1510 TRSYS-AM1510 Datasheet
116Kb / 2P
   1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
logo
Comchip Technology
AM1510 COMCHIP-AM1510 Datasheet
46Kb / 2P
   Silicon Miniature Single-Phase Bridge
AM1510-G COMCHIP-AM1510-G Datasheet
54Kb / 2P
   Silicon Miniature Single-Phase Bridge
logo
Panasonic Semiconductor
AM1510F PANASONIC-AM1510F Datasheet
228Kb / 8P
   HIGH CONTACT CAPACITY, PRECISE OPERATION
More results

同様の説明 - AM1510

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
W005G PANJIT-W005G Datasheet
49Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
W005G PANJIT-W005G_06 Datasheet
50Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
AM150 PANJIT-AM150 Datasheet
41Kb / 2P
   1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Edal Industries, Inc.
B172 EDAL-B172 Datasheet
372Kb / 2P
   Silicon Rectifier Miniature Single Phase Bridges
logo
New Jersey Semi-Conduct...
RW005M NJSEMI-RW005M Datasheet
93Kb / 1P
   1.5 AMPERE FAST-RECOVERY MINIATURE SINGLE-PHASE SILICON BRIDGE
logo
Transys Electronics
AM100 TRSYS-AM100 Datasheet
116Kb / 2P
   1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
logo
SEMTECH ELECTRONICS LTD...
RS201 SEMTECH_ELEC-RS201 Datasheet
179Kb / 1P
   SINGLE-PHASE SILICON BRIDGES
logo
List of Unclassifed Man...
WL005M ETC1-WL005M Datasheet
89Kb / 2P
   1.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
New Jersey Semi-Conduct...
2KBP005M NJSEMI-2KBP005M Datasheet
119Kb / 1P
   2.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
Pan Jit International I...
AM100 PANJIT-AM100 Datasheet
42Kb / 2P
   1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com