データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB2GLU3315533290653 データシート(PDF) 1 Page - Bookham, Inc.

部品番号 CB2GLU3315533290653
部品情報  200GHz WDM Filter Components for OADM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOOKHAM [Bookham, Inc.]
ホームページ  
Logo BOOKHAM - Bookham, Inc.

CB2GLU3315533290653 データシート(HTML) 1 Page - Bookham, Inc.

  CB2GLU3315533290653 Datasheet HTML 1Page - Bookham, Inc. CB2GLU3315533290653 Datasheet HTML 2Page - Bookham, Inc. CB2GLU3315533290653 Datasheet HTML 3Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D
200GHz WDM Filter
Components for OADM
Features
• 64GHz clear channel
passband
• ITU and custom wavelengths
• Deep reflection isolation for
OADM
• Accurate wavelength
centering
• High adjacent channel
transmission isolation
• Low express channel loss
• Flat transmission passband
for cascading
• Excellent temperature
stability
Options
• 66GHz clear channel
passband
• Custom wavelength
• Low chromatic dispersion
version
• Compact packaging: 3.2mm
diameter
• Rugged packaging
Applications
• Add/drop multiplexing
• Metro and long-haul WDM
Compliance
• GR-1221 qualified
• RoHS compliant (5/6)
Bookham narrowband filters leverage the
proprietary Advanced Energetic Deposition (AED)
process to produce the industry’s best banded filter
solution. The AED process features state-of-the-art
layer thickness control to produce thin-film
interference filters that are unparalleled for optical
add/drop multiplexing (OADM) WDM applications. A
range of 200GHz single channel filters are available.
200 Standard
This product is intended for construction of multiplexer
and demultiplexer systems. It provides high performance
and lowest cost.
200 OADM
This product features improved performance for
reflection isolation, transmission isolation and chromatic
dispersion. This part is designed for more demanding
applications such as channel by channel optical add/drop
multiplexing or lower chromatic dispersion mux/demux
designs.
Standard 5.5mm diameter packaging is available with the
boot/length specification needed to meet your
application. The optional compact packaging has
diameter of only 3.2mm. All Bookham filter components
are Telcordia GR-1221 qualified and 5/6 RoHS compliant.


同様の部品番号 - CB2GLU3315533290653

メーカー部品番号データシート部品情報
logo
Eaton All Rights Reserv...
CB2 EATON-CB2 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
CB2 EATON-CB2 Datasheet
819Kb / 7P
   Single Row Terminal Blocks
logo
M-System Co.,Ltd.
CB2 MSYSTEM-CB2 Datasheet
173Kb / 7P
   Plug-in Signal Conditioners M-UNIT
logo
Stackpole Electronics, ...
CB2 SEI-CB2 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
Amphenol Wilcoxon Sensi...
CB2 WILCOXON-CB2 Datasheet
351Kb / 1P
   Cable termination junction box
Rev.E.1 09/18
More results

同様の説明 - CB2GLU3315533290653

メーカー部品番号データシート部品情報
logo
Bookham, Inc.
CB1SLU3215533290653 BOOKHAM-CB1SLU3215533290653 Datasheet
112Kb / 3P
   100GHz WDM Filter Components for OADM
TF2001553329 BOOKHAM-TF2001553329 Datasheet
318Kb / 3P
   200GHz WDM Filter Chips
TF0501553329 BOOKHAM-TF0501553329 Datasheet
433Kb / 3P
   50GHz WDM Filter Chips
TF1001553329 BOOKHAM-TF1001553329 Datasheet
324Kb / 3P
   100GHz WDM Filter Chips
CBWSLU1115533290653 BOOKHAM-CBWSLU1115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
logo
TDK Electronics
B39751B8317P810 TDK-B39751B8317P810 Datasheet
142Kb / 8P
   SAW Components SAW filter for Femtocell
logo
OPLINK Communications I...
OADMG1-1X2 OPLINK-OADMG1-1X2 Datasheet
219Kb / 2P
   Single Channel OADM
OADMG2-1X2 OPLINK-OADMG2-1X2 Datasheet
293Kb / 2P
   Single Channel OADM
OADMG1-2X2 OPLINK-OADMG1-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
OADMG2-2X2 OPLINK-OADMG2-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com