データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8680 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDMS8680
部品情報  N-Channel PowerTrench짰 MOSFET 30V, 35A, 7.0m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS8680 データシート(HTML) 2 Page - Fairchild Semiconductor

  FDMS8680 Datasheet HTML 1Page - Fairchild Semiconductor FDMS8680 Datasheet HTML 2Page - Fairchild Semiconductor FDMS8680 Datasheet HTML 3Page - Fairchild Semiconductor FDMS8680 Datasheet HTML 4Page - Fairchild Semiconductor FDMS8680 Datasheet HTML 5Page - Fairchild Semiconductor FDMS8680 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
©2007 Fairchild Semiconductor Corporation
FDMS8680 Rev.C
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
30
V
∆BV
DSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250µA, referenced to 25°C
24
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24V, VGS = 0V
1
µA
IGSS
Gate to Source Leakage Current
VGS = ±20V, VDS = 0V
±100
nA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA
1.0
1.8
3.0
V
∆V
GS(th)
∆T
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250µA, referenced to 25°C
-5.7
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 14A
5.5
7.0
m
VGS = 4.5V, ID = 11.5A
8.5
11.0
VGS = 10V, ID = 14A, TJ = 125°C
8.2
10.5
gFS
Forward Transconductance
VDD = 10V, ID = 14A
72
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1MHz
1195
1590
pF
Coss
Output Capacitance
555
740
pF
Crss
Reverse Transfer Capacitance
95
145
pF
Rg
Gate Resistance
f = 1MHz
0.8
4.0
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 15V, ID = 14A,
VGS = 10V, RGEN = 6Ω
9
18
ns
tr
Rise Time
3
10
ns
td(off)
Turn-Off Delay Time
21
34
ns
tf
Fall Time
2
10
ns
Qg
Total Gate Charge
VGS = 0V to 10V
VDD = 15V,
ID = 14A
18
26
nC
Qg
Total Gate Charge
VGS = 0V to 5V
10
14
nC
Qgs
Gate to Source Charge
3.2
nC
Qgd
Gate to Drain “Miller” Charge
2.7
nC
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Forward Voltage
VGS = 0V, IS = 14A
(Note 2)
0.8
1.2
V
trr
Reverse Recovery Time
IF = 14A, di/dt = 100A/µs
27
44
ns
Qrr
Reverse Recovery Charge
15
27
nC
NOTES:
1. RθJA is determined with the device mounted on a 1in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 300
µs, Duty cycle < 2.0%.
3. Starting TJ = 25°C, L = 3mH, IAS = 12A, VDD = 30V, VGS = 10V.
b. 125°C/W when mounted on a
minimum pad of 2 oz copper.
a. 50°C/W when mounted on a
1in2 pad of 2 oz copper.


同様の部品番号 - FDMS8680

メーカー部品番号データシート部品情報
logo
Texas Instruments
FDMS8680 TI1-FDMS8680 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
FDMS8680 TI1-FDMS8680 Datasheet
1,016Kb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
More results

同様の説明 - FDMS8680

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
FDD8896 FAIRCHILD-FDD8896_12 Datasheet
1Mb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 94A, 5.7m廓
FDD8880 FAIRCHILD-FDD8880_08 Datasheet
503Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 58A, 9m廓
logo
ON Semiconductor
FDS8984-F085 ONSEMI-FDS8984-F085 Datasheet
485Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 7A, 23m廓
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDMS8662 FAIRCHILD-FDMS8662 Datasheet
210Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 49A, 2.0m廓
FDD8870_F085 FAIRCHILD-FDD8870_F085_13 Datasheet
319Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
FDP8896 FAIRCHILD-FDP8896_08 Datasheet
474Kb / 10P
   N-Channel PowerTrench짰 MOSFET 30V, 92A, 5.9m廓
FDB8132 FAIRCHILD-FDB8132 Datasheet
338Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.6m廓
FDB8870 FAIRCHILD-FDB8870_10 Datasheet
223Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
FDS8876 FAIRCHILD-FDS8876_07 Datasheet
605Kb / 12P
   N-Channel PowerTrench짰 MOSFET 30V, 12.5A, 8.2m廓
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com