データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC807 データシート(PDF) 2 Page - Pan Jit International Inc.

部品番号 BC807
部品情報  PNP GENERAL PURPOSE TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC807 データシート(HTML) 2 Page - Pan Jit International Inc.

  BC807 Datasheet HTML 1Page - Pan Jit International Inc. BC807 Datasheet HTML 2Page - Pan Jit International Inc. BC807 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-SEP.24.2005
ELECTRICAL CHARACTERISTICS(TJ=25oC,unless otherwise notes)
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S.
N
I
M.
P
Y
T.
X
A
MT
I
N
U
,
A
m
0
1
-
=
c
I
(
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
IB
)
0
=
V
)
R
B
(
O
E
C5
4
--
-
V
V
(
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
B
E =
A
u
0
0
1
-
=
c
I
,
V
0V
)
R
B
(
S
E
C0
5
--
-
V
I
(
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
r
e
t
t
i
m
E
E -
=
)
0
=
c
I
,
A
u
0
1V
)
R
B
(
O
B
E0
.
5
--
-
V
V
(
t
n
e
r
r
u
C
f
f
o
t
u
C
e
s
a
B
-
r
e
t
t
i
m
E
B
E
)
V
4
-
=I
O
B
E
--
0
0
1
-A
n
V
(
t
n
e
r
r
u
C
f
f
o
t
u
C
e
s
a
B
-
r
o
t
c
e
ll
o
C
B
C
I
,
V
0
2
-
=
E
)
0
=
TJ
5
2
=
O C
TJ
0
5
1
=
O C
I
O
B
C
-
-
-
1
.
0
-
0
.
5
-
A
n
A
u
n
i
a
G
t
n
e
r
r
u
C
C
D
V
,
A
m
0
0
1
-
=
c
I
(
E
C
)
V
1
-
=
c
V
,
A
m
0
0
5
-
=
c
I
(
E
)
V
1
-
=
6
1
-
7
0
8
C
B
5
2
-
7
0
8
C
B
0
4
-
7
0
8
C
B
h E
F
0
0
1
0
6
1
0
5
2
0
4
-
-
-
-
0
5
2
0
0
4
0
0
6
-
-
I
,
A
m
0
0
5
-
=
c
I
(
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
CB=
)
A
m
0
5
-V
)
T
A
S
(
E
C
--
7
.
0
-V
V
,
A
m
0
0
5
-
=
c
I
(
e
g
a
t
l
o
V
e
t
t
i
m
E
-
e
s
a
B
E
C
-
=
)
V
0
.
1V
)
N
O
(
E
B
--
2
.
1
-V
V
(
e
c
n
a
t
i
c
a
p
a
C
e
s
a
B
-
r
o
t
c
e
ll
o
C
B
C
I
,
v
0
1
-
=
E
)
z
H
M
1
=
f
,
0
=C
O
B
C
-0
.
7-
F
p
c
V
,
A
m
0
1
-
=
c
I
(
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
G
t
n
e
r
r
u
C
-
=
E
)
z
H
M
0
0
1
=
f
,
V
5fT
0
0
1-
-
z
H
M
ELECTRICAL CHARACTERISTICS CURVES
10
100
1000
0.01
0.1
1
10
100
1000
Colle ctor Cur r e nt, I
C (m A )
T
J = 25°C
T
J = 150°C
T
J = 100°C
V
CE = 1V
Fig. 4.
Typical Capacitances
Fig. 3.
BC807-40 Typical hFE vs. IC
10
100
1000
0.01
0.1
1
10
100
1000
Colle ctor Cur r e nt, I
C (m A )
T
J = 25°C
T
J = 150°C
T
J = 100°C
V
CE = 1V
Fig. 2.
BC807-25 Typical hFE vs. IC
10
100
1000
0.01
0.1
1
10
100
1000
Colle ctor Curre nt, I
C (m A)
T
J = 25°C
T
J = 150°C
T
J = 100°C
V
CE = 1V
Fig. 1.
BC807-16 Typical hFE vs. IC
1
10
100
0.1
1
10
100
Reverse Voltage, VR (V)
CIB (EB)
COB (EB)


同様の部品番号 - BC807

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC807 PHILIPS-BC807 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
GUANGDONG HOTTECH INDUS...
BC807 HOTTECH-BC807 Datasheet
193Kb / 2P
   Plastic-Encapsulate Transistors
logo
Diotec Semiconductor
BC807 DIOTEC-BC807 Datasheet
175Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Jinan Jing Heng Electro...
BC807 JINGHENG-BC807 Datasheet
1Mb / 5P
   PNP Plastic-Encapsulate Transistors
logo
KODENSHI_AUK CORP.
BC807 KODENSHI-BC807 Datasheet
265Kb / 4P
   High current application
More results

同様の説明 - BC807

メーカー部品番号データシート部品情報
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com