データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC817-16 データシート(PDF) 2 Page - Pan Jit International Inc.

部品番号 BC817-16
部品情報  NPN GENERAL PURPOSE TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC817-16 データシート(HTML) 2 Page - Pan Jit International Inc.

  BC817-16 Datasheet HTML 1Page - Pan Jit International Inc. BC817-16 Datasheet HTML 2Page - Pan Jit International Inc. BC817-16 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-JUL.13.2005
ELECTRICAL CHARACTERISTICS(TJ=25oC,unless otherwise notes)
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S.
N
I
M.
P
Y
T.
X
A
MT
I
N
U
,
A
m
0
1
=
c
I
(
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
IB
)
0
=
V
)
R
B
(
O
E
C5
4-
-
V
V
(
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
=
B
E
A
u
0
1
=
c
I
,
V
0V
)
R
B
(
S
E
C0
5-
-
V
I
(
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
r
e
t
t
i
m
E
=
E
)
0
=
c
I
,
A
u
0
.
1V
)
R
B
(
O
B
E0
.
5-
-
V
V
(
t
n
e
r
r
u
C
f
f
o
t
u
C
e
s
a
B
-
r
e
t
t
i
m
E
B
E
)
V
5
=I
O
B
E
--
0
0
1A
n
V
(
t
n
e
r
r
u
C
f
f
o
t
u
C
e
s
a
B
-
r
o
t
c
e
ll
o
C
B
C
I
,
V
0
2
=
E
)
0
=
TJ
0
5
1
=
O C
I
O
B
C
-
-
-
0
0
1
0
.
5
A
n
A
u
n
i
a
G
t
n
e
r
r
u
C
C
D
V
,
A
m
0
0
1
=
c
I
(
E
C
)
V
1
=
c
V
,
A
m
0
0
5
=
c
I
(
E
)
V
1
=
6
1
-
7
1
8
C
B
5
2
-
7
1
8
C
B
0
4
-
7
1
8
C
B
h E
F
0
0
1
0
6
1
0
5
2
0
4
-
-
-
-
0
5
2
0
0
4
0
0
6
-
-
I
,
A
m
0
0
5
=
c
I
(
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
CB=
)
A
m
0
5V
)
T
A
S
(
E
C
--
7
.
0V
V
,
A
m
0
0
5
=
c
I
(
e
g
a
t
l
o
V
e
t
t
i
m
E
-
e
s
a
B
E
C
=
)
V
0
.
1V
)
N
O
(
E
B
--
2
.
1V
V
(
e
c
n
a
t
i
c
a
p
a
C
e
s
a
B
-
r
o
t
c
e
ll
o
C
B
C
I
,
v
0
1
=
E
)
z
H
M
1
=
f
,
0
=C
O
B
C
-0
.
5-
F
p
c
V
,
A
m
0
1
=
c
I
(
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
G
t
n
e
r
r
u
C
=
E
)
z
H
M
0
0
1
=
f
,
V
5fT
0
0
1-
-
z
H
M
ELECTRICAL CHARACTERISTICS CURVES
Fig. 1.
BC817-16 Typical hFE vs. IC
Fig. 2.
BC817-25 Typical hFE vs. IC
Fig. 3.
BC817-40 Typical hFE vs. IC
Fig. 4.
Typical Capacitances
0
50
100
150
200
250
300
0.01
0.1
1
10
100
1000
Collector Current, IC (mA)
VCE = 1V
1
10
100
0.1
1
10
100
Reverse Voltage, VR (V)
CIB (EB)
COB (EB)
0
50
100
150
200
250
300
350
400
450
0.01
0.1
1
10
100
1000
Collector Current, IC (mA)
VCE = 1V
0
100
200
300
400
500
600
700
0.01
0.1
1
10
100
1000
Collector Current, IC (mA)
VCE = 1V


同様の部品番号 - BC817-16

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC817-16 PHILIPS-BC817-16 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
Yea Shin Technology Co....
BC817-16 YEASHIN-BC817-16 Datasheet
629Kb / 3P
   General Purpose Transistors
logo
Galaxy Semi-Conductor H...
BC817-16 BILIN-BC817-16 Datasheet
171Kb / 4P
   NPN General Purpose Amplifier
logo
Goodwork Semiconductor ...
BC817-16 GWSEMI-BC817-16 Datasheet
276Kb / 3P
   NPN Silicon Epitaxial Planar Transistors
logo
SHENZHEN YONGERJIA INDU...
BC817-16 WINNERJOIN-BC817-16 Datasheet
225Kb / 2P
   NPN EPTTAXIAL SILICON TRANSISTOR
More results

同様の説明 - BC817-16

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com