データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMBD717A データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 MMBD717A
部品情報  SURFACE MOUNT SCHOTTKY DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD717A データシート(HTML) 1 Page - Pan Jit International Inc.

  MMBD717A Datasheet HTML 1Page - Pan Jit International Inc. MMBD717A Datasheet HTML 2Page - Pan Jit International Inc. MMBD717A Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-SEP.06.2004
DATA SHEET
MMBD717/A/C/S
.083(2.10)
.020(.50)
.006(.15)
.119(3.00)
.066(1.70)
.006(.15)MAX
.013(.35)
.002(.05)
.110(2.80)
SOT- 23
Unit: inch (mm)
SURFACE MOUNT SCHOTTKY DIODES
VOLTAGE
20 Volts
0.2 Ampers
FEATURES
• Very Low VF: 0.32V (Typ) at IF = 1mA
• Low Capacitance: 2.5 pF (Max) at VR=1V
• Extremely Fast Switching Speed
• Both normal and Pb free product are available :
Normal : 80~95% Sn, 5~20% Pb
Pb free: 98.5% Sn above
MECHANICALDATA
Case: SOT-23, Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Approx. Weight: 0.008 gram
Marking: P40,P72,P73,P74
CURRENT
SINGLE
COMMON CATHODE
SERIES
COMMON ANODE
ABSOLUTE RATINGS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
m
u
m
i
x
a
MVR
0
2V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PVRRM
0
2V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
m
u
m
i
x
a
MI F
2
.
0A
THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
S7
1
7
D
B
M
MA
7
1
7
D
B
M
MC
7
1
7
D
B
M
MS
7
1
7
D
B
M
Ms
t
i
n
U
)
1
e
t
o
N
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
PPTOT
0
0
2W
m
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
TR
θJA
6
5
5
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
JTJ
0
5
1
o
t
5
5
-
O C
5
2
=
p
m
e
T
t
a
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
O CI
T STG
0
5
1
o
t
5
5
-
O C
e
r
u
g
i
F
t
i
u
c
r
i
C
E
L
G
N
I
S
N
O
M
M
O
C
E
D
O
N
A
N
O
M
M
O
C
E
D
O
H
T
A
C
S
E
I
R
E
S
Note:
1. FR-5 Board = 1.0 x 0.75 x 0.062 in.


同様の部品番号 - MMBD717A

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
MMBD717A WTE-MMBD717A Datasheet
44Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
MMBD717A PANJIT-MMBD717A Datasheet
147Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717A PANJIT-MMBD717A Datasheet
186Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Won-Top Electronics
MMBD717A-T1 WTE-MMBD717A-T1 Datasheet
44Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717AW WTE-MMBD717AW Datasheet
45Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

同様の説明 - MMBD717A

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com