データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC2006IRTJT データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TSC2006IRTJT
部品情報  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TSC2006IRTJT データシート(HTML) 5 Page - Texas Instruments

  TSC2006IRTJT Datasheet HTML 1Page - Texas Instruments TSC2006IRTJT Datasheet HTML 2Page - Texas Instruments TSC2006IRTJT Datasheet HTML 3Page - Texas Instruments TSC2006IRTJT Datasheet HTML 4Page - Texas Instruments TSC2006IRTJT Datasheet HTML 5Page - Texas Instruments TSC2006IRTJT Datasheet HTML 6Page - Texas Instruments TSC2006IRTJT Datasheet HTML 7Page - Texas Instruments TSC2006IRTJT Datasheet HTML 8Page - Texas Instruments TSC2006IRTJT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
www.ti.com
PIN CONFIGURATION
X
Y
SNSGND
NC
-
-
CS
TSC2006
16
17
18
19
20
10
9
8
7
6
ThermalPad
1
2
3
4
5
15
14
13
12
11
AGND
AUX
NC
I/OVDD
DGND
TSC2006
SBAS415A – JUNE 2007 – REVISED NOVEMBER 2007
RTJ PACKAGE(1)
QFN-20
(TOP VIEW)
(1)
The thermal pad is internally connected to SUBGND. The thermal pad can be connected to the analog ground or left
floating. Keep the thermal pad separate from the digital ground, if possible.
PIN ASSIGNMENTS
PIN
PIN
NO.
NAME
I/O
A/D
DESCRIPTION
1
SDO
I/O
D
Serial data output. This output is the MISO signal for the SPI protocol.
2
SCLK
I
D
Serial clock input
3
SDI
I
D
Serial data input. This input is the MOSI signal for the SPI protocol.
4
PINTDAV
O
D
Interrupt output. Data available or PENIRQ, depending on setting. Pin polarity with active low.
5
RESET
I
D
System reset. All register values reset to default values.
6
DGND
Digital ground
7
I/OVDD
Digital I/O interface voltage
8, 19
NC
No connection
9
AUX
I
A
Auxiliary channel input
10
AGND
Analog ground
11
VREF
I
A
External reference input
12
SNSVDD
Power supply for sensor drivers and other analog blocks
13
X+
I
A
X+ channel input
14
Y+
I
A
Y+ channel input
15
SUBGND
Substrate ground (for ESD current)
16
X–
I
A
X– channel input
17
Y–
I
A
Y– channel input
18
SNSGND
Sensor driver return
20
CS
I
D
Chip select. This input is the slave select (SS) signal for the SPI protocol.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TSC2006


同様の部品番号 - TSC2006IRTJT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSC2006IRTJT TI1-TSC2006IRTJT Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006IRTJTG4 TI1-TSC2006IRTJTG4 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results

同様の説明 - TSC2006IRTJT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
logo
Texas Instruments
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com