データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF1004CT データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 UF1004CT
部品情報  ULTRAFAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF1004CT データシート(HTML) 1 Page - Pan Jit International Inc.

  UF1004CT Datasheet HTML 1Page - Pan Jit International Inc. UF1004CT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-MAR.12.2004
DATA SHEET
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of
MIL-S-19500/228
• Low power loss, high efficiency.
• Low forwrd voltge, high current capability
• High surge capacity.
• Ultra fast recovery time, high voltage.
• Both normal and Pb free product are available :
Normal : 80~95% Sn, 5~20% Pb
Pb free: 98.5% Sn above
UF1000CT~UF1008CT
ULTRAFAST RECOVERY RECTIFIERS
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A.
3. Thermal resistance from Junction to case.
4. Both Bonding and Chip structure are available.
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
Positive CT
AC
AC
.1(2.54)
.1(2.54)
.387(9.85)
TO-220AB
Unit : inch (mm)
MECHANCALDATA
Case: TO-220AB full molded plastic package
Terminals: Lead solderable per MIL-STD-202, Method 208
Polarity: As marked.
Standard packaging: Any
Weight: 0.08 ounces, 2.24grams.
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
VOLTAGE
50 to 800 Volts
10.0 Amperes
CURRENT
R
E
T
E
M
A
R
A
PL
O
B
M
Y
ST
C
0
0
0
1
F
UT
C
1
0
0
1
F
UT
C
2
0
0
1
F
UT
C
3
0
0
1
F
UT
C
4
0
0
1
F
UT
C
6
0
0
1
F
UT
C
8
0
0
1
F
US
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
MV RRM
0
50
0
10
0
20
0
30
0
40
0
60
0
8V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
MV RM S
5
30
70
4
10
1
20
8
20
2
40
6
5V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
MV DC
0
50
0
10
0
20
0
30
0
40
0
60
0
8V
T
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
Mc
0
0
1
=
O CIAV
0
1A
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
IFS M
5
2
1A
A
0
.
5
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
MV F
0
.
10
3
.
10
7
.
1V
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
A
5
2
=
O C
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
A
5
2
1
=
O C
IR
0
1
0
0
5
A
u
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
l
a
c
i
p
y
TC J
0
80
5F
p
)
2
e
t
o
N
(
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
MTRR
0
50
0
1s
n
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T)
3
e
t
o
N
(
eR
θ C
J2
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OTJ T
, STG
0
5
1
+
o
t
0
5
-
O C


同様の部品番号 - UF1004CT

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
UF1004CT WTE-UF1004CT Datasheet
48Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1004CT WTE-UF1004CT Datasheet
57Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1004CT PANJIT-UF1004CT Datasheet
88Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Yea Shin Technology Co....
UF1004CT YEASHIN-UF1004CT Datasheet
40Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
logo
PACELEADER INDUSTRIAL
UF1004CT PACELEADER-UF1004CT Datasheet
254Kb / 2P
   SUPERFAST mount reverse voltage
More results

同様の説明 - UF1004CT

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
UF100S PANJIT-UF100S_07 Datasheet
44Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
UF4001 SEMTECH_ELEC-UF4001 Datasheet
188Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
UF1600FCT PANJIT-UF1600FCT_09 Datasheet
95Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
UF3006PT PANJIT-UF3006PT Datasheet
64Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
MURB510 DYELEC-MURB510 Datasheet
785Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
SF1610CT DYELEC-SF1610CT Datasheet
665Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
SF1060 DYELEC-SF1060 Datasheet
623Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
MUR20120C RECTRON-MUR20120C Datasheet
212Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
MUR6060PT RECTRON-MUR6060PT Datasheet
231Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
MURB1610CT DYELEC-MURB1610CT Datasheet
801Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
MURB2010CT DYELEC-MURB2010CT Datasheet
943Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com