データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4148 データシート(PDF) 2 Page - TRANSYS Electronics Limited

部品番号 1N4148
部品情報  HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEL [TRANSYS Electronics Limited]
ホームページ  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

1N4148 データシート(HTML) 2 Page - TRANSYS Electronics Limited

  1N4148 Datasheet HTML 1Page - TRANSYS Electronics Limited 1N4148 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DO-35 Glass Axial Package
DO-35, 52mm Taping Specification
On request also available in 26 mm Tape and Ammo Pack
DO-35 T&A
5K/ammo box
0.88 kg/5K pcs
10" x 3.5" x 3.5"
5.0K
12.7" x 12.7" x 20"
125.0K
25 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
NOTES
1. Cathode is marked by Band.
2. All dim ensions are in m m .
AB
A
DIM
MIN
MAX
A
25.40
B
3.03
4.44
C
0.46
0.56
D
1.52
2.29
1.5 R M AX.
5.50
4.50
52.0
48.0
11 D IO D E S
A ll dim ensions in m m .
LABEL
255
.0 m
m
TAPES
LEADER
6.0 ±1.0
± 1.0
± 2.0
52.0
6.0
FE
ED
52 mm Taping Specification
T & A indicates Axial Tape & Ammo packing (52 mm
Tape Spacing).
300 m m (m in) leader tape on every spool.
No. of em pty places allow ed 0.25% w ithout
consecutive em pty places.
Ends of leads shall preferably not protrude beyond
the tapes.
5.
tapes so that they can not com e free in norm al
handling.
DO -35:- 5000 pcs./A m m o P ack
DIO DE AM M O PACK
73.5
mm
Com ponents shall be held sufficiently in the tape or
4.
3.
2.
1.


同様の部品番号 - 1N4148

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
logo
Zhaoxingwei Electronics...
1N4148 ZHAOXINGWEI-1N4148 Datasheet
45Kb / 1P
   Silicon Epitaxial Planar Diode
logo
Won-Top Electronics
1N4148 WTE-1N4148 Datasheet
42Kb / 4P
   FAST SWITCHING DIODE
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
logo
Dc Components
1N4148 DCCOM-1N4148 Datasheet
180Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
More results

同様の説明 - 1N4148

メーカー部品番号データシート部品情報
logo
Continental Device Indi...
CD1N4148 CDIL-CD1N4148 Datasheet
95Kb / 3P
   HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
CTZ26 CDIL-CTZ26 Datasheet
213Kb / 4P
   HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
CT40 CDIL-CT40 Datasheet
163Kb / 4P
   HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
logo
TRANSYS Electronics Lim...
1N4448 TEL-1N4448 Datasheet
81Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODES AXIAL LEAD
logo
SUNMATE electronic Co.,...
1SS131 SUNMATE-1SS131 Datasheet
167Kb / 2P
   130mA Axial Leaded High Speed Switching Diode
1SS136 SUNMATE-1SS136 Datasheet
40Kb / 1P
   200mA Axial Leaded High Speed Switching Diode
1S1588 SUNMATE-1S1588 Datasheet
48Kb / 1P
   0.5A Axial Leaded High Speed Switching Diode
1SS178 SUNMATE-1SS178 Datasheet
170Kb / 1P
   100mA Axial Leaded High Speed Switching Diode
1SS132 SUNMATE-1SS132 Datasheet
180Kb / 2P
   120mA Axial Leaded High Speed Switching Diode
1SS130 SUNMATE-1SS130 Datasheet
154Kb / 2P
   130mA Axial Leaded High Speed Switching Diode
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com