データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA1037 データシート(PDF) 1 Page - TRANSYS Electronics Limited

部品番号 2SA1037
部品情報  Plastic-Encapsulated Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEL [TRANSYS Electronics Limited]
ホームページ  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

2SA1037 データシート(HTML) 1 Page - TRANSYS Electronics Limited

  2SA1037 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. 3
2. 4
SOT-23 Plastic-Encapsulate
d Transistors
2SA1037
TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM :
0.2
W (Tamb=25
℃)
Collector current
ICM :
-0.15
A
Collector-base voltage
V(BR)CBO : -60
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-50
µA, I
E=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= -1mA, IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -50
µA, I
C=0
-6
V
Collector cut-off current
ICBO
VCB=- 60 V , IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB= -6V ,
IC=0
-0.1
µA
DC current gain
hFE
VCE=-6V, IC= -1mA
120
560
Collector-emitter saturation voltage
VCE(sat)
IC=-50 mA, IB= -5mA
-0.5
V
Transition frequency
fT
VCE=-12V, IC= -2mA
f =30MHz
120
MHz
CLASSIFICATION OF hFE
Rank
Q
R
S
Range
120-270
180-390
270-560
Marking
FQ
FR
FS
Unit: mm
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
Transys
Electronics
LI M ITE D


同様の部品番号 - 2SA1037

メーカー部品番号データシート部品情報
logo
Rohm
2SA1037 ROHM-2SA1037 Datasheet
76Kb / 3P
   General Purpose Transistor
logo
DONGGUAN YOU FENG WEI E...
2SA1037 YFWDIODE-2SA1037 Datasheet
587Kb / 3P
   PNP Transistors
logo
Galaxy Semi-Conductor H...
2SA1037 BILIN-2SA1037 Datasheet
310Kb / 4P
   Silicon Epitaxial Planar Transistor
logo
SHIKUES Electronics
2SA1037 SKTECHNOLGY-2SA1037 Datasheet
2Mb / 3P
   Epitaxial planar type, PNP silicon transistor
logo
SeCoS Halbleitertechnol...
2SA1037 SECOS-2SA1037 Datasheet
67Kb / 3P
   Small Signal Plastic Encapsulate Transistor
More results

同様の説明 - 2SA1037

メーカー部品番号データシート部品情報
logo
TRANSYS Electronics Lim...
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
   Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
TIP31 TEL-TIP31 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
   Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
   Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com