データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRFB9N30APBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRFB9N30APBF
部品情報  HEXFET짰 Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRFB9N30APBF データシート(HTML) 1 Page - International Rectifier

  IRFB9N30APBF Datasheet HTML 1Page - International Rectifier IRFB9N30APBF Datasheet HTML 2Page - International Rectifier IRFB9N30APBF Datasheet HTML 3Page - International Rectifier IRFB9N30APBF Datasheet HTML 4Page - International Rectifier IRFB9N30APBF Datasheet HTML 5Page - International Rectifier IRFB9N30APBF Datasheet HTML 6Page - International Rectifier IRFB9N30APBF Datasheet HTML 7Page - International Rectifier IRFB9N30APBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
06/01/04
www.irf.com
1
HEXFET® Power MOSFET
Third Generation HEXFETs from International Rectifier provide the designer
with the best combination of ast switching, ruggedized device design, low on-
resistance and cost-effectiveness.
The TO-220 package is universally preferred for all commercial-industrial
applications at lower dissipation levels to approximately 50 watts. The low
thermal resistance and low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
S
D
G
VDSS = 300V
RDS(on) = 0.45Ω
ID = 9.3A
l Dynamic dv/dt Rating
l Repetitive Avalanche Rated
l Fast Switching
l Ease of Paraleing
l Dynamic dv/dt Rated
l Simple Drive Requirements
Description
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.3
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
IRFB9N30APbF
PD- 95350
TO-220AB
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
9.3
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
5.9
A
IDM
Pulsed Drain Current

37
PD @TC = 25°C
Power Dissipation
96
W
Linear Derating Factor
0.77
W/°C
VGS
Gate-to-Source Voltage
± 30
V
EAS
Single Pulse Avalanche Energy
‚
160
mJ
IAR
Avalanche Current

9.3
A
EAR
Repetitive Avalanche Energy

9.6
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
4.6
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
l Lead-Free


同様の部品番号 - IRFB9N30APBF

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
IRFB9N30APBF VISHAY-IRFB9N30APBF Datasheet
176Kb / 8P
   Power MOSFET
Rev. A, 03-Jun-08
More results

同様の説明 - IRFB9N30APBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com