データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UAS2D680MHD データシート(PDF) 1 Page - Nichicon corporation

部品番号 UAS2D680MHD
部品情報  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NICHICON [Nichicon corporation]
ホームページ  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UAS2D680MHD データシート(HTML) 1 Page - Nichicon corporation

  UAS2D680MHD Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
Improved safety feature for abnormally excessive voltage.
High ripple current product.
Adapted to the RoHS directive (2002/95/EC).
AS
series
Wide Temperature Range, Miniature Type Permissible
Abnormal Voltage
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Frequency coefficient of rated ripple current
Frequency
Coefficient
50, 60Hz
120Hz
300Hz
1kHz
10kHz ~
0.80
1.00
1.25
1.40
1.60
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Safety Performance
Marking
Printed with white color letter on dark brown sleeve.
Performance Characteristics
Item
– 40 ~ +105°C
200V
33 ~ 330µF
± 20% at 120Hz, 20°C
Measurement frequency:120Hz, Temperature:20°C
Measurement frequency : 120Hz
After leaving capacitors under no load at 105°C for 1000 hours, they meet the specified value for endurance characteristics listed above.
The pressure relief vent will operate in normal conditions, with no dangerous conditons such as flames, ignitions or dispersion of pieces of the capacitor and / or case.
After 1 minute's application of rated voltage, leakage current is 0.04CV+100 (µA) or less.
After an application of D.C. bias voltage plus the rated ripple
current for 2000 hours at 105°C the peak voltage shall not
exceed the rated D.C. voltage, capacitors meet the
characteristic requirements listed at right.
Specifications
Type numbering system (Example : 200V 220µF)
BD
P
10
5.0
Bd
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
U
1
A
2
S
3
2
4
D
5
2
6
2
7
1
8
M
9
H
10
D
11 12
Configuration
Capacitance tolerance (±20%)
Rated Capacitance (220µF)
Rated voltage (200V)
Series name
Type
Size code
In case L>25 for B12.5 (D) case sizes,
lead diameter B0.8 (d) will be applied.
B D
10
Pb-free leadwire
Pb-free PET sleeve
PD
12.5 ~ 18
HD
Configuration
(mm)
L+2.0MAX.
15MIN
4MIN
Sleeve (P.E.T.)
B d
Pressure
relief vent
Radial Lead Type
Rated voltage (V)
tan
δ (MAX.)
200
0.15
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio ZT / Z20 (MAX.)
200
3
6
Capacitance change
Leakage current
tan
δ
Within ±20% of initial value
Initial specified value or less
200% or less of initial specified value
voltage (V)
Test conditions
200
Limited DC current
4A (5A : 330
µF)
Test Voltage
300VDC and 375VDC
Rated Ripple (mArms) at 105°C 120Hz
: In this case, 6 will be put at 12th digit of type numbering system.
Dimensions
V
Cap.(µF)
33
47
56
68
82
100
150
180
220
270
330
200 (2D)
φ10
10
× 20
10
× 25
160
195
φ12.5
12.5
× 20
12.5
× 20
12.5
× 25
12.5
× 25
12.5
× 31.5
195
210
320
360
430
φ16
16
× 20
16
× 25
16
× 31.5
430
460
600
φ18
18
× 20
18
× 25
18
× 31.5
18
× 35.5
18
× 40
460
600
710
890
910
330
470
560
680
820
101
151
181
221
271
331
Code
φD
Case size
φD × L (mm) Rated ripple
AS
AQ
Smaller
• Please refer to page 21 about the end
seal configulation.


同様の部品番号 - UAS2D680MHD

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UAS24V UTC-UAS24V Datasheet
228Kb / 4P
   WIDE OPERATING VOLTAGE RANGE REGULATOR TRANSISTOR
UAS24VG-AE2-R UTC-UAS24VG-AE2-R Datasheet
228Kb / 4P
   WIDE OPERATING VOLTAGE RANGE REGULATOR TRANSISTOR
UAS24VL-AE2-R UTC-UAS24VL-AE2-R Datasheet
228Kb / 4P
   WIDE OPERATING VOLTAGE RANGE REGULATOR TRANSISTOR
More results

同様の説明 - UAS2D680MHD

メーカー部品番号データシート部品情報
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com