データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BDX33D データシート(PDF) 1 Page - TRANSYS Electronics Limited

部品番号 BDX33D
部品情報  NPN/PNP PLASTIC POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEL [TRANSYS Electronics Limited]
ホームページ  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BDX33D データシート(HTML) 1 Page - TRANSYS Electronics Limited

  BDX33D Datasheet HTML 1Page - TRANSYS Electronics Limited BDX33D Datasheet HTML 2Page - TRANSYS Electronics Limited BDX33D Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN/PNP PLASTIC POWER TRANSISTORS
BDX33, 33A, 33B, 33C, 33D
BDX34, 34A, 34B, 34C, 34D
TO-220
Plastic Package
Power Darlington for Linear Switchilng Application
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
BDX33
BDX33A BDX33B BDX33C BDX33D
UNIT
BDX34
BDX34A BDX34B BDX34C BDX34D
Collector -Emitter Voltage
VCEO
45
60
80
100
120
V
Collector -Base Voltage
VCBO
45
60
80
100
120
V
Emitter -Base Voltage
VEBO
5.0
V
Collector Current -
Continuous
IC
10
A
Peak
ICM
15
A
Base Current
IB
0.25
A
Device Dissipation
@ Tc=25ºC
PD
70
W
Derate Above 25ºC
0.56
W/ºC
Operating And Storage
Junction
Tj, Tstg
-65 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
1.78
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST
BDX33
BDX33A BDX33B BDX33C BDX33D
UNIT
CONDITION
BDX34
BDX34A BDX34B BDX34C BDX34D
Breakdown (sus) Voltage
VCEO(sus)*IC=100mA, IB=0
>45
>60
>80
>100
>120
V
VCER(sus)*IC=100mA,
RBE=100 W
>45
>60
>80
>100
>120
V
VCEX(sus)*IC=100mA,
VBE=1.5V
>45
>60
>80
>100
>120
V
Collector-Cut off Current
ICEO
VCE=1/2rated
VCEO, IB=0
<0.5
<0.5
<0.5
<0.5
<0.5
mA
Tc=100ºC
VCE=1/2rated
VCEO, IB=0
<10
<10
<10
<10
<10
mA
ICBO
IE=0,VCB=Rated
VCBO,
<1
<1
<1
<1
<1
mA
Tc=100ºC
IE=0,VCB=Rated
VCBO,
<5
<5
<5
<5
<5
mA
Transys
Electronics
LI M ITE D


同様の部品番号 - BDX33D

メーカー部品番号データシート部品情報
logo
Power Innovations Ltd
BDX33D POINN-BDX33D Datasheet
128Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDX33D BOURNS-BDX33D Datasheet
112Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33D MCC-BDX33D Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
logo
Continental Device Indi...
BDX33D CDIL-BDX33D Datasheet
188Kb / 4P
   NPN/PNP PLASTIC POWER TRANSISTORS
logo
Bourns Electronic Solut...
BDX33D BOURNS-BDX33D Datasheet
97Kb / 5P
   Designed for Complementary Use with BDX34, BDX34A, BDX34B, BDX34C and BDX34D
More results

同様の説明 - BDX33D

メーカー部品番号データシート部品情報
logo
Boca Semiconductor Corp...
2N6486 BOCA-2N6486 Datasheet
26Kb / 2P
   NPN/PNP PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
BDX33 CDIL-BDX33 Datasheet
188Kb / 4P
   NPN/PNP PLASTIC POWER TRANSISTORS
CSB857 CDIL-CSB857 Datasheet
82Kb / 3P
   PNP / NPN PLASTIC POWER TRANSISTORS
logo
SeCoS Halbleitertechnol...
MMDT4413 SECOS-MMDT4413 Datasheet
1Mb / 5P
   NPN - PNP Plastic-Encapsulated Transistors
logo
TECH PUBLIC Electronics...
TPMMDT5451 TECHPUBLIC-TPMMDT5451 Datasheet
1Mb / 4P
   NPNPNP Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT4413 MCC-MMDT4413 Datasheet
385Kb / 6P
   NPN/PNP Plastic-Encapsulate Transistors
MMDT5451 MCC-MMDT5451 Datasheet
392Kb / 3P
   NPN/PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT3946 TECHPUBLIC-MMDT3946 Datasheet
1Mb / 4P
   NPNPNP Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5451 MCC-MMDT5451_13 Datasheet
446Kb / 3P
   NPN/PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
TPMMDT3946 TECHPUBLIC-TPMMDT3946 Datasheet
1Mb / 4P
   NPNPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com