データシートサーチシステム |
|
DL-5320-C330-XTS データシート(PDF) 2 Page - Optoway Technology Inc |
|
DL-5320-C330-XTS データシート(HTML) 2 Page - Optoway Technology Inc |
2 / 2 page Optoway DL-5300-CXX0 ******************************************************************************************************************************************************** ******************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2003 V1.1 MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT Note: Specifications subject to change without notice. ORDER INFORMATION Part No.: D L − 5 3 □ □ □ − C □ □ 0 − □ □ □ □ Code Power Code Wavelength Code Isolator 2 1mW 27 1270 nm Blank No 3 2mW 29 1290 nm S Single-Stage 31 1310 nm 33 1330 nm 35 1350 nm Code Connector Code PIN Assignment 37 1370 nm S SC/PC 0 Type A 39 1390 nm F FC/PC 5 Type B 41 1410 nm T ST/PC 8 Type C 43 1430 nm L LC/PC 45 1450 nm X No connector Code Speed 47 1470 nm SA SC/APC Blank 1.25 Gbps 49 1490 nm FA FC/APC S 2.5 Gbps 51 1510 nm TA ST/APC 53 1530 nm LA LC/APC 55 1550 nm 57 1570 nm Code Flange 59 1590 nm V Vertical 61 1610 nm H Horizontal X No Flange |
同様の部品番号 - DL-5320-C330-XTS |
|
同様の説明 - DL-5320-C330-XTS |