データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD4145R データシート(PDF) 1 Page - TRANSYS Electronics Limited

部品番号 SD4145R
部品情報  SCHOTTKY DIODES STUD TYPE 30 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEL [TRANSYS Electronics Limited]
ホームページ  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

SD4145R データシート(HTML) 1 Page - TRANSYS Electronics Limited

  SD4145R Datasheet HTML 1Page - TRANSYS Electronics Limited SD4145R Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
High Surge Capability
Types up to 45V
Maximum Ratings
Operating Temperature: -55 C to +150
Storage Temperature: -55 C to +175
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
30A
TC =140
Peak Forward Surge
Current
IFSM
600A
8.3ms , Half sine
Maximum
Instantaneous
Forward Voltage
VF
0.68V
TJ = 25
IR
mA
TJ = 25
TJ =125
V RRM
IFM =30 A;
Maximum thermal
resistance,
junction to case
/W
R jc
DO-4
DO-4
M
M
N
N
B
B
C
C
J
J
F
F
G
G
D
D
E
E
A
A
P
P
35V
SD41( R )
35V
Notes:
1.Standard Polarity:Stud is Cathode
2.Reverse Polarity:Stud is Anode
SD4145( R )
45V
25V
32V
45V
mA
1.5
25
1.5
SCHOTTKY DIODES STUD TYPE 30 A
SD41(R)
THRU
SD4145(R)
30Amp Rectifier
35-45 Volts
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
¼ -32
Threads
Standard
Polarity
B
C
-----
-----
D
E
F
G
-----
J
-----
-----
M
-----
-----
N
P
10
UNF3A
.424
.437
10.77
11.10
-----
.600
.422
.075
.020
.060
10.72
.505
.820
.453
.175
.405
.310
.413
.065
.100
1.91
15.24
0.51
1.53
12.82
20.82
11.50
4.44
10.29
7.87
1.65
2.54
10.49
Pulse Test: Pulse Width 300 usec,Duty Cycle
2%
NOTE :
(1)
<
NOTE (1)
Voltage
Maximum
Instantaneous
Reverse Current At
Rated DC Blocking
NOTE (1)
Mounting torque
Mounting torque
Not lubricated
threads
Kgf-cm
11.0~13.4
Transys
Electronics
LI M ITE D


同様の部品番号 - SD4145R

メーカー部品番号データシート部品情報
logo
Naina Semiconductor ltd...
SD4145R NAINA-SD4145R Datasheet
121Kb / 2P
   Schottky Power Diode, 30A
logo
GeneSiC Semiconductor, ...
SD4145R GENESIC-SD4145R Datasheet
784Kb / 3P
   Silicon Power Schottky Diode
More results

同様の説明 - SD4145R

メーカー部品番号データシート部品情報
logo
TRANSYS Electronics Lim...
SD51 TEL-SD51 Datasheet
117Kb / 2P
   SCHOTTKY DIODES STUD TYPE 60 A
MBR6020 TEL-MBR6020 Datasheet
122Kb / 2P
   SCHOTTKY DIODES STUD TYPE 60 A
1N6097 TEL-1N6097 Datasheet
119Kb / 2P
   SCHOTTKY DIODES STUD TYPE 50 A
1N5832 TEL-1N5832 Datasheet
119Kb / 2P
   SCHOTTKY DIODES STUD TYPE 40 A
MBR3520 TEL-MBR3520 Datasheet
119Kb / 2P
   SCHOTTKY DIODES STUD TYPE 35 A
MBR7520 TEL-MBR7520 Datasheet
123Kb / 2P
   SCHOTTKY DIODES STUD TYPE 75 A
1N5829 TEL-1N5829 Datasheet
141Kb / 2P
   SCHOTTKY DIODES STUD TYPE 25 A
1N5826 TEL-1N5826 Datasheet
118Kb / 2P
   SCHOTTKY DIODES STUD TYPE 15 A
MBR8020 TEL-MBR8020 Datasheet
122Kb / 2P
   SCHOTTKY DIODES STUD TYPE 80 A
logo
New Jersey Semi-Conduct...
MBR6020 NJSEMI-MBR6020 Datasheet
81Kb / 1P
   SCHOTTKY DIODES STUD TYPE 60A
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com