データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29LV008B-90REE データシート(PDF) 10 Page - Advanced Micro Devices

部品番号 AM29LV008B-90REE
部品情報  8 Megabit (1,048,576 x 8-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV008B-90REE データシート(HTML) 10 Page - Advanced Micro Devices

Back Button AM29LV008B-90REE Datasheet HTML 6Page - Advanced Micro Devices AM29LV008B-90REE Datasheet HTML 7Page - Advanced Micro Devices AM29LV008B-90REE Datasheet HTML 8Page - Advanced Micro Devices AM29LV008B-90REE Datasheet HTML 9Page - Advanced Micro Devices AM29LV008B-90REE Datasheet HTML 10Page - Advanced Micro Devices AM29LV008B-90REE Datasheet HTML 11Page - Advanced Micro Devices AM29LV008B-90REE Datasheet HTML 12Page - Advanced Micro Devices AM29LV008B-90REE Datasheet HTML 13Page - Advanced Micro Devices AM29LV008B-90REE Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
Am29LV008T/Am29LV008B
PRELIMINARY
Table 3.
Sector Address Tables (Am29LV008T)
A19
A18
A17
A16
A15
A14
A13
Sector Size
Address Range
SA0
0000
X
X
X
64 Kbytes
00000h-0FFFFh
SA1
0001
X
X
X
64 Kbytes
10000h-1FFFFh
SA2
0010
X
X
X
64 Kbytes
20000h-2FFFFh
SA3
0011
X
X
X
64 Kbytes
30000h-3FFFFh
SA4
0100
X
X
X
64 Kbytes
40000h-4FFFFh
SA5
0101
X
X
X
64 Kbytes
50000h-5FFFFh
SA6
0110
X
X
X
64 Kbytes
60000h-6FFFFh
SA7
0111
X
X
X
64 Kbytes
70000h-7FFFFh
SA8
1000
X
X
X
64 Kbytes
80000h-8FFFFh
SA9
1001
X
X
X
64 Kbytes
90000h-9FFFFh
SA10
1010
X
X
X
64 Kbytes
A0000h-AFFFFh
SA11
1011
X
X
X
64 Kbytes
B0000h-BFFFFh
SA12
1100
X
X
X
64 Kbytes
C0000h-CFFFFh
SA13
1101
X
X
X
64 Kbytes
D0000h-DFFFFh
SA14
1110
X
X
X
64 Kbytes
E0000h-EFFFFh
SA15
11110
X
X
32 Kbytes
F0000h-F7FFFh
SA16
1111100
8 Kbytes
F8000h-F9FFFh
SA17
1111101
8 Kbytes
FA000h-FBFFFh
SA18
111111
X
16 Kbytes
FC000h-FFFFFh


同様の部品番号 - AM29LV008B-90REE

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM29LV008B AMD-AM29LV008B Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008B AMD-AM29LV008B Datasheet
716Kb / 41P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008BB-120EC AMD-AM29LV008BB-120EC Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008BB-120EC AMD-AM29LV008BB-120EC Datasheet
716Kb / 41P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008BB-120ECB AMD-AM29LV008BB-120ECB Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

同様の説明 - AM29LV008B-90REE

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29LV008B AMD-AM29LV008B Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV081 AMD-AM29LV081 Datasheet
439Kb / 35P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV008B AMD-AM29LV008B_06 Datasheet
716Kb / 41P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV081B AMD-AM29LV081B_06 Datasheet
952Kb / 40P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Advanced Micro Devices
AM29LV081B AMD-AM29LV081B Datasheet
39Kb / 6P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com