データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT1832L-G データシート(PDF) 6 Page - Catalyst Semiconductor

部品番号 CAT1832L-G
部品情報  5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1832L-G データシート(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT1832L-G Datasheet HTML 2Page - Catalyst Semiconductor CAT1832L-G Datasheet HTML 3Page - Catalyst Semiconductor CAT1832L-G Datasheet HTML 4Page - Catalyst Semiconductor CAT1832L-G Datasheet HTML 5Page - Catalyst Semiconductor CAT1832L-G Datasheet HTML 6Page - Catalyst Semiconductor CAT1832L-G Datasheet HTML 7Page - Catalyst Semiconductor CAT1832L-G Datasheet HTML 8Page - Catalyst Semiconductor CAT1832L-G Datasheet HTML 9Page - Catalyst Semiconductor CAT1832L-G Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CAT1232, CAT1832
WATCHDOG TIMER AND ST
¯¯ INPUT
A watchdog timer stops and restarts a microprocessor
that has stopped proper operation or become “hung”.
The watchdog performs this function by monitoring the
ST
¯¯ input. After the reset outputs go inactive the ST
¯¯
input must be strobed with a high-to-low signal
transition prior to the minimum watchdog timeout
period. However if the ST
¯¯ input is not strobed with a
high-to-low signal transition prior to a watchdog
timeout the reset outputs will become active for TRST
reseting and restarting the microprocessor. Once the
resets return to the inactive state the watchdog timer
restarts the process.
Watchdog Time-out Period (ms)
TD Voltage
Level
MIN
NOMINAL
MAX
GND
62.5
150
250
Floating
250
600
1000
V
500
1200
2000
CC
PBRST
3.3V
1
VCC
TD
2
ST
TOL
CAT1832
µP
3
4
RESET
GND
8
7
6
5
RESET
RESET
I/O
The TD input allows the user to select from three
predetermined watchdog timeout periods. Always use
the minimum timeout period to determine the required
frequency of ST
¯¯ high-to-low transitions and the
maximum to determine the time prior to the reset
outputs becoming active. ST
¯¯ pulse widths must be
20ns or greater.
Figure 4. CAT1832 Application Circuit:
Pushbutton Reset
The watchdog timer cannot be disabled. It must be
strobed with a high-to-low signal transition to avoid a
watchdog timeout and subsequent reset.
Figure 5. CAT1232LP Application Circuit: Watchdog Timer
PBRST
5V
1
10k
VCC
TD
2
ST
TOL
CAT1232LP
µP
Decoder
3
4
RESET
GND
8
7
6
5
RESET
MREQ
Address Bus
RESET
Figure 6. Timing Diagram: Pushbutton Reset
VIH
VIL
VOH
VOL
RESET
RESET
PBRST
tPDLY
tPB
tRST
RESET
RESET
ST
Valid
Strobe
Valid
Strobe
Invalid
Strobe
tRST
tST
tTD
(Min)
tTD
(Min)
Note: ST is ignored whenever a reset is active
Figure 7. Timing Diagram: Strobe Input
Doc. No. MD-3018 Rev. D
6
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice


同様の部品番号 - CAT1832L-G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT1832L-G ONSEMI-CAT1832L-G Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
logo
Catalyst Semiconductor
CAT1832L-GT2 CATALYST-CAT1832L-GT2 Datasheet
179Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
CAT1832L-GT3 CATALYST-CAT1832L-GT3 Datasheet
179Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
More results

同様の説明 - CAT1832L-G

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP_06 Datasheet
179Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
ON Semiconductor
CAT1232LP ONSEMI-CAT1232LP Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Linear Technology
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
Linear Technology
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com