データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ11 データシート(PDF) 4 Page - First Components International

部品番号 SMAJ11
部品情報  5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FCI [First Components International]
ホームページ  http://www.cotra.com.tw/
Logo FCI - First Components International

SMAJ11 データシート(HTML) 4 Page - First Components International

  SMAJ11 Datasheet HTML 1Page - First Components International SMAJ11 Datasheet HTML 2Page - First Components International SMAJ11 Datasheet HTML 3Page - First Components International SMAJ11 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Data Sheet
5.0V to 170V GPP TRANSIENT
VOLTAGE SUPPRESSORS
Page 10-39
DEVICE
Maximum
Temperature
Coefficient
of V
BR
% / °°°°°C
Maximum
Clamping
Voltage
@ I
PP
V
C (V)
Peak
Pulse
Current
I
PP (A)
(Note 2)
Maximum
Reverse
Leakage
@ V
RWM
I
R
µµµµA)
Working
Peak
Reverse
Voltage
V
RWM (V)
Min.
Max.
V
BR
Volts
(Note 1)
Breakdown
Voltage
SMAJ28
SMAJ28A
SMAJ30
SMAJ30A
SMAJ33
SMAJ33A
SMAJ36
SMAJ36A
SMAJ40
SMAJ40A
SMAJ43
SMAJ43A
SMAJ45
SMAJ45A
SMAJ48
SMAJ48A
SMAJ51
SMAJ51A
SMAJ54
SMAJ54A
SMAJ58
SMAJ58A
SMAJ60
SMAJ60A
SMAJ64
SMAJ64A
SMAJ70
SMAJ70A
SMAJ75
SMAJ75A
SMAJ78
SMAJ78A
SMAJ85
SMAJ85A
SMAJ90
SMAJ90A
SMAJ100
SMAJ100A
SMAJ110
SMAJ110A
SMAJ120
SMAJ120A
SMAJ130
SMAJ130A
SMAJ150
SMAJ150A
SMAJ160
SMAJ160A
SMAJ170
SMAJ170A
31.10
31.10
33.30
33.30
36.70
36.70
40.00
40.00
44.40
44.40
47.80
47.80
50.00
50.00
53.30
53.30
56.70
56.70
60.00
60.00
64.40
64.40
66.70
66.70
71.10
71.10
77.80
77.80
83.30
83.30
86.70
86.70
94.40
94.40
100.00
100.00
111.00
111.00
122.00
122.00
133.00
133.00
144.00
144.00
167.00
167.00
178.00
178.00
189.00
189.00
38.00
34.40
40.70
36.80
44.90
40.60
49.90
44.20
54.30
49.10
58.40
52.80
61.10
55.30
65.10
58.90
69.30
62.70
73.30
66.30
78.70
71.20
81.50
73.70
86.90
78.60
95.00
86.00
102.00
92.10
106.00
95.80
115.00
104.00
122.00
111.00
136.00
123.00
149.00
135.00
163.00
147.00
176.00
159.00
204.00
185.00
218.00
197.00
231.00
209.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
28.00
28.00
30.00
30.00
33.00
33.00
36.00
36.00
40.00
40.00
43.00
43.00
45.00
45.00
48.00
48.00
51.00
51.00
54.00
54.00
58.00
58.00
60.00
60.00
64.00
64.00
70.00
70.00
75.00
75.00
78.00
78.00
85.00
85.00
90.00
90.00
100.00
100.00
110.00
110.00
120.00
120.00
130.00
130.00
150.00
150.00
160.00
160.00
170.00
170.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
50.10
45.40
53.50
48.40
59.00
53.30
64.30
58.10
71.40
64.50
76.70
69.40
80.30
72.70
85.50
77.40
91.10
82.40
96.30
87.10
103.00
93.60
107.00
96.80
114.00
103.00
125.00
113.00
134.00
121.00
139.00
126.00
151.00
137.00
160.00
146.00
179.00
162.00
196.00
177.00
214.00
193.00
231.00
209.00
268.00
243.00
287.00
259.00
304.00
275.00
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
@ I
T
(mA)
Case
Marking
CF
CG
CH
CK
CL
CM
CN
CP
CQ
CR
CS
CT
CU
CV
CW
CX
CY
CZ
RD
RE
RF
RG
RH
RK
RL
RM
RN
RP
RQ
RR
RS
RT
RU
RV
RW
RX
RY
RZ
SD
SE
SF
SG
SH
SK
SL
SM
SN
SP
SQ
SR
8.0
8.8
7.5
8.3
6.8
7.5
6.2
6.9
5.6
6.2
5.2
5.7
5.0
5.5
4.7
5.2
4.4
4.9
4.2
4.6
3.9
4.3
3.7
4.1
3.5
3.9
3.2
3.5
3.0
3.3
2.9
2.2
2.6
2.9
2.5
2.7
2.2
2.5
2.0
2.3
1.9
2.0
1.7
1.9
1.5
1.6
1.4
1.5
1.3
1.4


同様の部品番号 - SMAJ11

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
SMAJ11 JGD-SMAJ11 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
AiT Semiconductor Inc.
SMAJ11 AITSEMI-SMAJ11 Datasheet
341Kb / 8P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
Socay Electornics Co., ...
SMAJ11 SOCAY-SMAJ11 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Silicon Standard Corp.
SMAJ11 SSC-SMAJ11 Datasheet
632Kb / 4P
   Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ11 ETC2-SMAJ11 Datasheet
326Kb / 4P
   Transient Voltage Suppressor
More results

同様の説明 - SMAJ11

メーカー部品番号データシート部品情報
logo
First Components Intern...
SMCJ5.0 FCI-SMCJ5.0 Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ5.0 FCI-SMBJ5.0 Datasheet
186Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 FCI-SA5.0 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ5.0 FCI-3.0SMCJ5.0 Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
TPSMBJ UNSEMI-TPSMBJ Datasheet
2Mb / 6P
   11 To 170V 600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
First Components Intern...
5KP FCI-5KP Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
logo
Guangdong Youtai Semico...
SMF5.0A UMW-SMF5.0A_V01 Datasheet
598Kb / 4P
   5.0V-170V 175-200W
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com