データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBJ9.0A データシート(PDF) 3 Page - First Components International

部品番号 SMBJ9.0A
部品情報  5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FCI [First Components International]
ホームページ  http://www.cotra.com.tw/
Logo FCI - First Components International

SMBJ9.0A データシート(HTML) 3 Page - First Components International

  SMBJ9.0A Datasheet HTML 1Page - First Components International SMBJ9.0A Datasheet HTML 2Page - First Components International SMBJ9.0A Datasheet HTML 3Page - First Components International SMBJ9.0A Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data Sheet
5.0V to 170V SMD TRANSIENT
VOLTAGE SUPPRESSORS
Page 10-42
DEVICE
Maximum
Temperature
Coefficient
of V
BR
% / °°°°°C
Maximum
Clamping
Voltage
@ I
PP
V
C (V)
Peak
Pulse
Current
I
PP (A)
(Note 2)
Maximum
Reverse
Leakage
@ V
RWM
I
R
µµµµA)
Working
Peak
Reverse
Voltage
V
RWM (V)
@ I
T
(mA)
Min.
Max.
V
BR
Volts
(Note 1)
Breakdown
Voltage
SMBJ5.0
SMBJ5.0A
SMBJ6.0
SMBJ6.0A
SMBJ6.5
SMBJ6.5A
SMBJ7.0
SMBJ7.0A
SMBJ7.5
SMBJ7.5A
SMBJ8.0
SMBJ8.0A
SMBJ8.5
SMBJ8.5A
SMBJ9.0
SMBJ9.0A
SMBJ10
SMBJ10A
SMBJ11
SMBJ11A
SMBJ12
SMBJ12A
SMBJ13
SMBJ13A
SMBJ14
SMBJ14A
SMBJ15
SMBJ15A
SMBJ16
SMBJ16A
SMBJ17
SMBJ17A
SMBJ18
SMBJ18A
SMBJ20
SMBJ20A
SMBJ22
SMBJ22A
SMBJ24
SMBJ24A
SMBJ26
SMBJ26A
6.40
6.40
6.67
6.67
7.22
7.22
7.78
7.78
8.33
8.33
8.89
8.89
9.44
9.44
10.00
10.00
11.10
11.10
12.20
12.20
13.30
13.30
14.40
14.40
15.60
15.60
16.70
16.70
17.80
17.80
18.90
18.90
20.00
20.00
22.20
22.20
24.40
24.40
26.70
26.70
28.90
28.90
7.55
7.25
8.45
7.67
9.14
8.30
9.86
8.95
10.67
9.58
11.30
10.20
11.90
10.80
12.60
11.50
11.50
13.50
15.40
14.00
16.90
15.30
18.20
16.50
19.80
17.90
21.10
19.20
22.60
20.50
23.90
21.70
25.30
25.30
28.10
25.50
30.90
28.00
33.80
30.70
36.60
33.20
10.00
10.00
10.00
10.00
10.00
10.00
10.00
10.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
5.00
5.00
6.00
6.00
6.50
6.50
7.00
7.00
7.50
7.50
8.00
8.00
8.50
8.50
9.00
9.00
10.00
10.00
11.00
11.00
12.00
12.00
13.00
13.00
14.00
14.00
15.00
15.00
16.00
16.00
17.00
17.00
18.00
18.00
20.00
20.00
22.00
22.00
24.00
24.00
26.00
26.00
800
800
800
800
500
500
200
200
100
100
50.00
50.00
20.00
20.00
10.00
10.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
62.50
65.20
52.60
58.30
48.70
53.60
45.10
50.00
42.00
46.50
40.00
44.10
37.70
41.70
35.50
39.00
31.90
35.30
29.90
33.00
27.30
30.20
25.20
27.90
23.30
25.80
22.30
24.00
20.80
23.10
19.70
21.70
18.60
20.50
16.70
18.50
15.20
16.90
14.00
15.40
12.40
14.20
9.60
9.20
11.40
10.30
12.30
11.20
13.30
12.00
14.30
12.90
15.00
13.60
15.90
14.40
16.90
15.40
18.80
17.00
20.10
18.20
22.00
19.90
23.80
21.50
25.80
23.20
26.90
24.40
28.80
26.00
30.50
27.60
32.20
29.20
35.80
32.40
39.40
35.50
43.00
38.90
46.60
42.10
0.061
0.061
0.065
0.065
0.068
0.068
0.073
0.073
0.075
0.075
0.076
0.078
0.081
0.081
0.084
0.084
0.086
0.086
0.088
0.088
0.090
0.090
0.092
0.092
0.094
0.094
0.096
0.096
0.097
0.097
0.098
0.098
0.099
0.099
0.100
0.100
0.101
0.101
0.101
0.101
0.102
0.102
KD
KE
KF
KG
KH
KK
KL
KM
KN
KP
KQ
KR
KS
KT
KU
KV
KW
KX
KY
KZ
LD
LE
LF
LG
LH
LJ
LK
LM
LN
LP
LQ
LR
LS
LT
LU
LV
LW
LX
LY
LZ
MD
ME
Case
Marking


同様の部品番号 - SMBJ9.0A

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
SMBJ9.0A JGD-SMBJ9.0A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ9.0A SOCAY-SMBJ9.0A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMBJ9.0A LUGUANG-SMBJ9.0A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Diotech Company.
SMBJ9.0A DIOTECH-SMBJ9.0A Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ9.0A MICROSEMI-SMBJ9.0A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results

同様の説明 - SMBJ9.0A

メーカー部品番号データシート部品情報
logo
First Components Intern...
SMCJ5.0 FCI-SMCJ5.0 Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ5.0 FCI-SMAJ5.0 Datasheet
179Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 FCI-SA5.0 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ5.0 FCI-3.0SMCJ5.0 Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
TPSMBJ UNSEMI-TPSMBJ Datasheet
2Mb / 6P
   11 To 170V 600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
First Components Intern...
5KP FCI-5KP Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
logo
Guangdong Youtai Semico...
SMF5.0A UMW-SMF5.0A_V01 Datasheet
598Kb / 4P
   5.0V-170V 175-200W
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com