データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHCT123ADBRE4 データシート(PDF) 10 Page - Texas Instruments

部品番号 SN74AHCT123ADBRE4
部品情報  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT123ADBRE4 データシート(HTML) 10 Page - Texas Instruments

Back Button SN74AHCT123ADBRE4 Datasheet HTML 6Page - Texas Instruments SN74AHCT123ADBRE4 Datasheet HTML 7Page - Texas Instruments SN74AHCT123ADBRE4 Datasheet HTML 8Page - Texas Instruments SN74AHCT123ADBRE4 Datasheet HTML 9Page - Texas Instruments SN74AHCT123ADBRE4 Datasheet HTML 10Page - Texas Instruments SN74AHCT123ADBRE4 Datasheet HTML 11Page - Texas Instruments SN74AHCT123ADBRE4 Datasheet HTML 12Page - Texas Instruments SN74AHCT123ADBRE4 Datasheet HTML 13Page - Texas Instruments SN74AHCT123ADBRE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SN54AHCT123A, SN74AHCT123A
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SCLS420G – JUNE 1998 – REVISED APRIL 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Figure 7
MINIMUM TRIGGER TIME
vs
VCC CHARACTERISTICS
RT = 1 kΩ
TA = 25°C
10.00
0
1.00
0.10
0.01
12
3
4
5
6
CT = 0.01 µF
CT = 1000 pF
CT = 100 pF
VCC – Supply Voltage – V
Figure 8
1.20
1.15
1.10
1.05
1.00
0.95
0.90
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
RT = 10 kΩ
TA = 25°C
tW = K × CT × RT
VCC – Supply Voltage – V
OUTPUT PULSE-DURATION CONSTANT
vs
SUPPLY VOLTAGE
CT = 1000 pF
CT = 0.01 µF
CT = 0.1 µF
Figure 9
1.00 1.50 2.00
2.50 3.00 3.50 4.00 4.50
0.00001
0.0001
0.001
TA = 25°C
VCC = 5 V
For Capacitor Values of
0.001
µF or Greater,
K = 1.0
(K is Independent of R)
Multiplier Factor – K
EXTERNAL CAPACITANCE
vs
MULTIPLIER FACTOR
Figure 10
tw – Output Pulse Duration
DISTRIBUTION OF UNITS
vs
OUTPUT PULSE DURATION
Mean = 856 ns
Median = 856 ns
Std. Dev. = 3.5 ns
VCC = 5 V
TA = 25°C
CT = 50 pF
RT = 10 kW
–3 Std. Dev.
+3 Std. Dev.
Median
99% of Data Units
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.


同様の部品番号 - SN74AHCT123ADBRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHCT123ADBRE4 TI-SN74AHCT123ADBRE4 Datasheet
570Kb / 21P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN74AHCT123ADBRE4 TI-SN74AHCT123ADBRE4 Datasheet
867Kb / 25P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results

同様の説明 - SN74AHCT123ADBRE4

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI1-SN54LS422_12 Datasheet
612Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHCT123A TI-SN54AHCT123A Datasheet
570Kb / 21P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74HC423A HITACHI-HD74HC423A Datasheet
51Kb / 8P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_08 Datasheet
867Kb / 25P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A_15 Datasheet
145Kb / 18P
   Dual Retriggerable Monostable Multivibrators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com