データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74CBTLV16292VR データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74CBTLV16292VR
部品情報  LOW-VOLTAGE 12-BIT OF-2 FET MILTIP LEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISRORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV16292VR データシート(HTML) 11 Page - Texas Instruments

Back Button SN74CBTLV16292VR Datasheet HTML 4Page - Texas Instruments SN74CBTLV16292VR Datasheet HTML 5Page - Texas Instruments SN74CBTLV16292VR Datasheet HTML 6Page - Texas Instruments SN74CBTLV16292VR Datasheet HTML 7Page - Texas Instruments SN74CBTLV16292VR Datasheet HTML 8Page - Texas Instruments SN74CBTLV16292VR Datasheet HTML 9Page - Texas Instruments SN74CBTLV16292VR Datasheet HTML 10Page - Texas Instruments SN74CBTLV16292VR Datasheet HTML 11Page - Texas Instruments SN74CBTLV16292VR Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MTSS003D – JANUARY 1995 – REVISED JANUARY 1998
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGG (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040078 / F 12/97
48 PINS SHOWN
0,25
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,50
Seating Plane
25
0,27
0,17
24
A
48
1
1,20 MAX
M
0,08
0,10
0,50
0
°–8°
56
14,10
13,90
48
DIM
A MAX
A MIN
PINS **
12,40
12,60
64
17,10
16,90
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


同様の部品番号 - SN74CBTLV16292VR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBTLV16292VR TI-SN74CBTLV16292VR Datasheet
193Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBTLV16292VR TI-SN74CBTLV16292VR Datasheet
357Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTOR
SN74CBTLV16292VR TI1-SN74CBTLV16292VR Datasheet
516Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results

同様の説明 - SN74CBTLV16292VR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBTLV16292 TI-SN74CBTLV16292_08 Datasheet
357Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTOR
SN74CBTLV16292 TI-SN74CBTLV16292 Datasheet
193Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBTLVR16292 TI-SN74CBTLVR16292 Datasheet
193Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBT162292 TI-SN74CBT162292 Datasheet
78Kb / 5P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBT16292DGGR TI1-SN74CBT16292DGGR Datasheet
352Kb / 12P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBT16292 TI-SN74CBT16292 Datasheet
67Kb / 5P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBT162292 TI1-SN74CBT162292_09 Datasheet
349Kb / 12P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
logo
NXP Semiconductors
CBT16292 PHILIPS-CBT16292 Datasheet
56Kb / 8P
   12-bit 1-of-2 multiplexer/demultiplexer with internal pulldown resistors
1999 Sep 13
logo
Texas Instruments
74CBTLV16292DLG4 TI1-74CBTLV16292DLG4 Datasheet
516Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3857 TI1-SN74CBTLV3857_15 Datasheet
687Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH WITH INTERNAL PULLDOWN RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com