データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TRSL-7140W データシート(PDF) 4 Page - Optoway Technology Inc

部品番号 TRSL-7140W
部品情報  3.3V / 1310 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPTOWAY [Optoway Technology Inc]
ホームページ  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-7140W データシート(HTML) 4 Page - Optoway Technology Inc

  TRSL-7140W Datasheet HTML 1Page - Optoway Technology Inc TRSL-7140W Datasheet HTML 2Page - Optoway Technology Inc TRSL-7140W Datasheet HTML 3Page - Optoway Technology Inc TRSL-7140W Datasheet HTML 4Page - Optoway Technology Inc TRSL-7140W Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
TRSL-7140W / TRSL-7140AW
*******************************************************************************************************************************************************************************
********************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/30/2004 V1.0
CONNECTION DIAGRAM
PIN
Symbol
Notes
PIN
Symbol
Notes
1
VpdR Receiver power monitor. This pin must be
connected to a positive power supply (Vcc),
preferably
via
a
small
resistor.
Supplier
photocurrent and maybe used to monitor receiver
power.
11
VccT
+3.3V dc transmitter power supply
2
VeeR
Receiver ground.
12
VeeT
Transmitter ground.
3
VeeR
Receiver ground.
13
T Dis
Transmitter Disable. Connect this pin to logic “1”
to disable module. To enable module connect to
logic low “0”
4
NC
No connected
14
TD +
Transmitter Data In
5
NC
No connected
15
TD
− Transmitter Data In Bar
6
VeeR
Receiver ground.
16
VeeT
Transmitter ground.
7
VccR
+3.3V dc receiver power supply
17
Bmon
− Laser Bias Monitoring – Negative End
8
SD
Signal detect. Logic 1 indicate a normal operation.
18
Bmon+ Laser Bias Monitoring – Positive End
(Bmon+ - Bmon-) = 10 Ω X laser bias current
9
RD
− Receiver Dataout Bar
19
Pmon- Laser Power Monitoring -- Negative end
10
RD+
Receiver Dataout
20
Pmon+ Laser Power Monitoring -- Positive end
(Pmon+ - Pmon-) = 200 Ω X monitor photdiode
current
MS
MS
Mounting Studs. Connect to Chassis Ground
RECOMMENDED CIRCUIT SCHEMATIC
TX
RX
MICROSTRIP6
Z=5OR
MICROSTRIP5
Z=50R
L2
1uH
C2
100nF
C4
10uF
C3
100nF
VCC3.3V
L1
1uH
C8
10uF
C1
100nF
MICROSTRIP8
Z=5OR
MICROSTRIP7
Z=50R
PHY DEVICE
TD-
TD+
RD+
RD-
SD
R14
100R
Vcc3.3V
LVPECL
Vcc3.3V
LVPECL
TO LVTTL STAGE
Tdis(LVTTL)
Bmon-
Bmon+
Pmon+
Pmon-
10nF
200R
3K
VCCRX(3.3V)
Vpdr
Note: 1. TX input is terminated inside the module.
2. Veer and Veet are not internally connected to each other.
3. 50 Ω line pattern and component placements on TD+/TD- and RD+/RD- lines shall be symmetrical for better impedance
matching.


同様の部品番号 - TRSL-7140W

メーカー部品番号データシート部品情報
logo
Optoway Technology Inc
TRSL-7140ACG OPTOWAY-TRSL-7140ACG Datasheet
123Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7140ACG OPTOWAY-TRSL-7140ACG Datasheet
113Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7140CG OPTOWAY-TRSL-7140CG Datasheet
123Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7140CG OPTOWAY-TRSL-7140CG Datasheet
113Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7140G OPTOWAY-TRSL-7140G Datasheet
113Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
More results

同様の説明 - TRSL-7140W

メーカー部品番号データシート部品情報
logo
Optoway Technology Inc
TRSL-7130W OPTOWAY-TRSL-7130W Datasheet
156Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7110W OPTOWAY-TRSL-7110W Datasheet
156Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7120W OPTOWAY-TRSL-7120W Datasheet
155Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7350W OPTOWAY-TRSL-7350W Datasheet
156Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7380W OPTOWAY-TRSL-7380W Datasheet
156Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9110FW OPTOWAY-TRSL-9110FW Datasheet
156Kb / 5P
   3.3V / 1310 nm / 2.125 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9140FW OPTOWAY-TRSL-9140FW Datasheet
156Kb / 5P
   3.3V / 1310 nm / 2.125 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7385W-CXX0 OPTOWAY-TRSL-7385W-CXX0 Datasheet
157Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7350W-CXX0 OPTOWAY-TRSL-7350W-CXX0 Datasheet
158Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7380W-CXX0 OPTOWAY-TRSL-7380W-CXX0 Datasheet
157Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com