データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM89T16R1 データシート(PDF) 11 Page - SyncMOS Technologies,Inc

部品番号 SM89T16R1
部品情報  8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNCMOS [SyncMOS Technologies,Inc]
ホームページ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89T16R1 データシート(HTML) 11 Page - SyncMOS Technologies,Inc

Back Button SM89T16R1 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89T16R1 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89T16R1 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM89T16R1 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM89T16R1 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM89T16R1 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM89T16R1 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM89T16R1 Datasheet HTML 14Page - SyncMOS Technologies,Inc SM89T16R1 Datasheet HTML 15Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
SyncMOS Technologies International, Inc.
SM89T16R1
8-Bits Micro-controller
With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1 SM89T16R1 08/2006
11
2.5 tCLCL–5
tMCS >0
tQVWX
9
Data valid to /WR transition
-5
1.0 tCLCL -5
ns
tMCS =0
tMCS >0
tWHQX
9
Data hold after /WR
1.0 tCLCL -5
2.0 tCLCL -5
ns
tMCS =0
tMCS >0
tRLAZ
8
/RD LOW to address float
0.5 tCLCL–5
ns
tWHLH
8,9
/RD or /WR HIGH to ALE HIGH
0
1.0 tCLCL -5
10
1.0 tCLCL +5
ns
tMCS =0
tMCS >0
Notes:
tMCS is time period related to the Stretch memory cycle selection. The following table shows the value of tMCS for each Stretch selection.
M2
M1
M0
MOVX Cycles
tMCS
0
0
0
2 machine cycles
0
0
0
1
3 machine cycles
4 tCLCL
0
1
0
4 machine cycles
8 tCLCL
0
1
1
5 machine cycles
12 tCLCL
1
0
0
6 machine cycles
16 tCLCL
1
0
1
7 machine cycles
20 tCLCL
1
1
0
8 machine cycles
24 tCLCL
1
1
1
9 machine cycles
28 tCLCL
Parameter
Figure
Symbol
Min
Typ
Max
Unit
Serial Port Clock Cycle Time
SM2=0,12 clocks per cycle
SM2=1,4 clocks per cycles
10
tXLXL
12 tCLCL
4 tCLCL
ns
ns
Output Data Setup to Clock Rising
SM2=0,12 clocks per cycle
SM2=1,4 clocks per cycles
10
tQVXH
12 tCLCL
4 tCLCL
ns
ns
Output Data Hold to Clock Rising
SM2=0,12 clocks per cycle
SM2=1,4 clocks per cycles
10
tXHQX
12 tCLCL
4 tCLCL
ns
ns
Input Data Hold to Clock Rising
SM2=0,12 clocks per cycle
SM2=1,4 clocks per cycles
10
tXHDX
12 tCLCL
4 tCLCL
ns
ns
Clock Rising Edge to Input Data Valid
SM2=0,12 clocks per cycle
SM2=1,4 clocks per cycles
10
tXHDV
12 tCLCL
4 tCLCL
ns
ns
Figure 4 External Clock Drive waveform
Figure 5 AC Testing Input/Output
Figure 6 AC Testing, Floating Waveform
Test Points
2.0V
0.8V
0.8V
2.0V
Notes:
AC inputs during testing are driven at 2.4V for logic “HIGH” and
0.45V for logic “LOW”. Timing measurements are at 2.0V for
logic “HIGH” and 0.8V for logic “LOW”
Floating
2.0V
0.8V
0.8V
2.0V
Notes:
The float state is define as the point which PORT 0 pins sinks
3.2mA or source 400
µA at the voltage test level.
tCHCX
tCLCX
0.8V
tCLCL
VIH1
tCLCH
tCHCL


同様の部品番号 - SM89T16R1

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM89T16R1 SYNCMOS-SM89T16R1 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
SM89T16R1C25 SYNCMOS-SM89T16R1C25 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
SM89T16R1L16 SYNCMOS-SM89T16R1L16 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
More results

同様の説明 - SM89T16R1

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
SM89S16R1 SYNCMOS-SM89S16R1 Datasheet
416Kb / 28P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com