データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8566TH データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TDA8566TH
部品情報  2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8566TH データシート(HTML) 6 Page - NXP Semiconductors

Back Button TDA8566TH Datasheet HTML 2Page - NXP Semiconductors TDA8566TH Datasheet HTML 3Page - NXP Semiconductors TDA8566TH Datasheet HTML 4Page - NXP Semiconductors TDA8566TH Datasheet HTML 5Page - NXP Semiconductors TDA8566TH Datasheet HTML 6Page - NXP Semiconductors TDA8566TH Datasheet HTML 7Page - NXP Semiconductors TDA8566TH Datasheet HTML 8Page - NXP Semiconductors TDA8566TH Datasheet HTML 9Page - NXP Semiconductors TDA8566TH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TDA8566_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 15 October 2007
6 of 21
NXP Semiconductors
TDA8566
2
× 40 W/2 Ω stereo BTL car radio power amplifier
7.
Functional description
The TDA8566 contains 2 identical amplifiers and can be used for BTL applications. The
gain of each amplifier is fixed at 26 dB. Special features of this device are:
Mode select switch
Clip detection
Short-circuit diagnostic
Temperature pre-warning
Open-collector diagnostic outputs
Differential inputs
7.1 Mode select switch (pin MODE)
Standby: low supply current
Mute: input signal suppressed
Operating: normal on condition
Since this pin has a very low input current (< 40
µA), a low-cost supply switch can be
applied. To avoid switch-on plops, it is advisable to keep the amplifier in the mute mode for
a period of
≥ 150 ms (charging the input capacitors at pins IN1+, IN1−, IN2+ and IN2−).
This can be realized by using a microcontroller or by using an external timing circuit as
illustrated in Figure 8.
7.2 Clip detection (pin CLIP)
When clipping occurs at one or more output stages, the dynamic distortion detector
becomes active and pin CLIP goes LOW. This information can be used to drive a sound
processor or a DC volume control to attenuate the input signal and so limit the level of
distortion. The output level of pin CLIP is independent of the number of channels that are
being clipped. The clip detection circuit is disabled in a short-circuit condition, so if a fault
condition occurs at the outputs, pin CLIP will remain at a HIGH level. The clip detection
waveforms are illustrated in Figure 5.
OUT2+
10
channel 2 output positive
PGND2
11
power ground 2
OUT2
12
channel 2 output negative
VP2
13
supply voltage 2
MODE
14
mode select switch input (standby/mute/operating)
DIAG
15
short-circuit and temperature pre-warning diagnostic output
IN2+
16
channel 2 input positive
IN2
17
channel 2 input negative
Table 4.
Pin description TDA8566Q …continued
Symbol
Pin
Description


同様の部品番号 - TDA8566TH

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
More results

同様の説明 - TDA8566TH

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8566 PHILIPS-TDA8566_15 Datasheet
137Kb / 21P
   2X40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com