データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM8952AC40 データシート(PDF) 8 Page - SyncMOS Technologies,Inc

部品番号 SM8952AC40
部品情報  8-Bits Micro-controller With 4/8KB flash embedded
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNCMOS [SyncMOS Technologies,Inc]
ホームページ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8952AC40 データシート(HTML) 8 Page - SyncMOS Technologies,Inc

Back Button SM8952AC40 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM8952AC40 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8952AC40 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8952AC40 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8952AC40 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8952AC40 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8952AC40 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM8952AC40 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM8952AC40 Datasheet HTML 12Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SyncMOS Technologies International, Inc.
SM8951A/8952A
8-Bits Micro-controller
With 4/8KB flash embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1
SM8951A/8952A 08/2006
8
fosc=16MHz
Variable fosc
Symbol
Parameter
Valid Cycle
Min. Typ. Max
Min.
Typ.
Max
Unit
Remarks
T LHLL
ALE pulse width
RD/WRT
115
2xT - 10
nS
T AVLL
Address Valid to ALE low
RD/WRT
43
T - 20
nS
T LLAX
Address Hold after ALE low
RD/WRT
53
T - 10
nS
T LLIV
ALE low to Valid Instruction In
RD
240
4xT-10
nS
T LLPL
ALE low to #PSEN low
RD
53
T - 10
nS
T PLPH
#PSEN pulse width
RD
173
3xT - 15
nS
T PLIV
#PSEN low to Valid Instruction In
RD
177
3xT-10
nS
T PXIX
Instruction Hold after #PSEN
RD
0
0
nS
T PXIZ
Instruction Float after #PSEN
RD
87
T+25
nS
T AVIV
Address to Valid Instruction In
RD
292
5xT-20
nS
T PLAZ
#PSEN low to Address Float
RD
10
10
nS
T RLRH
#RD pulse width
RD
365
6xT - 10
nS
T WLWH
#WR pulse width
WRT
365
6xT - 10
nS
T RLDV
#RD low to Valid Data In
RD
302
5xT-10
nS
T RHDX
Data Hold after #RD
RD
0
0
nS
T RHDZ
Data Float after #RD
RD
145
2xT+20
nS
T LLDV
ALE low to Valid Data In
RD
590
8xT-10
nS
T AVDV
Address to Valid Data In
RD
542
9xT-20
nS
T LLYL
ALE low to #WR High or #RD low
RD/WRT
178
197 3xT - 10
3xT+10
nS
T AVYL
Address Valid to #WR or #RD low
RD/WRT
230
4xT - 20
nS
T QVWH
Data Valid to #WR High
WRT
403
7xT - 35
nS
T QVWX
Data Valid to #WR transition
WRT
38
T - 25
nS
T WHQX
Data hold after #WR
WRT
73
T + 10
nS
T RLAZ
#RD low to Address Float
RD
5
nS
T YALH
#WR or #RD high to ALE high
RD/WRT
53
72
T -10
T+10
nS
T CHCL
clock fall time
nS
T CLCX
clock low time
nS
T CLCH
clock rise time
nS
T CHCX
clock high time
nS
T, TCLCL
clock period
63
1/fosc
nS


同様の部品番号 - SM8952AC40

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM8952A SYNCMOS-SM8952A Datasheet
393Kb / 17P
   8 - Bit Micro-controller with 4/8KB flash embedded
More results

同様の説明 - SM8952AC40

メーカー部品番号データシート部品情報
logo
Aplus Intergrated Circu...
APU8951 APLUS-APU8951 Datasheet
544Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB FLASH EMBEDDED
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A Datasheet
393Kb / 17P
   8 - Bit Micro-controller with 4/8KB flash embedded
SM8051 SYNCMOS-SM8051 Datasheet
423Kb / 16P
   8 - Bit Micro-controller with 4/8KB ROM embedded
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM79108 SYNCMOS-SM79108_06 Datasheet
493Kb / 25P
   8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108 SYNCMOS-SM79108 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com