データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM8958AL33 データシート(PDF) 10 Page - SyncMOS Technologies,Inc

部品番号 SM8958AL33
部品情報  8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNCMOS [SyncMOS Technologies,Inc]
ホームページ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8958AL33 データシート(HTML) 10 Page - SyncMOS Technologies,Inc

Back Button SM8958AL33 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8958AL33 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8958AL33 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8958AL33 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8958AL33 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM8958AL33 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM8958AL33 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM8958AL33 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM8958AL33 Datasheet HTML 14Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SyncMOS Technologies International, Inc.
SM8958A
8-Bits Micro-controller
With 32KB flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1
SM8958A
08/2006
10
There is a 250KHz RC oscillator embedded in chip. Set WDTE = “1” will enable the RC oscillator and the frequency
is independent to the system frequency.
To enable the WDT is done by setting 1 to the bit 7 (WDTE) of WDTC. After WDTE set to 1, the 16-bit counter starts to
count with the RC oscillator. It will generate a reset signal when overflows. The WDTE bit will be cleared to 0
automatically when SM8958A been reset, either hardware reset or WDT reset.
To reset the WDT is done by setting 1 to the CLEAR bit of WDTC before the counter overflow. This will clear the
content of the 16-bit counter and let the counter re-start to count from the beginning.
3.1 Watch Dog Timer Registers:
Watch Dog Timer Registers - WDT Control Register (WDTC, $9F)
bit-7
bit-0
WDTE
R
CLEAR
Unused
Unused
PS2
PS1
PS0
Read / Write:
R/W
-
R/W
-
-
R/W
R/W
R/W
Reset value:
0
*
0
*
*
0
0
0
WDTE : Watch Dog Timer enable bit
CLEAR : Watch Dog Timer reset bit
PS[2:0] : Overflow period select bits
PS [2:0]
Overflow Period (ms)
000
2.048
001
4.096
010
8.192
011
16.384
100
32.768
101
65.536
110
131.072
111
262.144
Watch Dog Key Register - (WDTKEY, $97H)
bit-7
bit-0
WDT
KEY7
WDT
KEY6
WDT
KEY5
WDT
KEY4
WDT
KEY3
WDT
KEY2
WDT
KEY1
WDT
KEY0
Read / Write:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset value:
0
0
0
0
0
0
0
0


同様の部品番号 - SM8958AL33

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM8958AL25 SYNCMOS-SM8958AL25 Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
More results

同様の説明 - SM8958AL33

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com