データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF909 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 BF909
部品情報  N-channel dual gate MOS-FETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF909 データシート(HTML) 5 Page - NXP Semiconductors

  BF909 Datasheet HTML 1Page - NXP Semiconductors BF909 Datasheet HTML 2Page - NXP Semiconductors BF909 Datasheet HTML 3Page - NXP Semiconductors BF909 Datasheet HTML 4Page - NXP Semiconductors BF909 Datasheet HTML 5Page - NXP Semiconductors BF909 Datasheet HTML 6Page - NXP Semiconductors BF909 Datasheet HTML 7Page - NXP Semiconductors BF909 Datasheet HTML 8Page - NXP Semiconductors BF909 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NXP Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF909; BF909R
Fig.4
Unwanted voltage for 1% cross-modulation
as a function of gain reduction; typical
values; see Fig.18.
VDS = 5 V; VGG = 5 V; fw = 50 MHz.
funw = 60 MHz; Tamb =25 °C; RG1 = 120 kΩ.
handbook, halfpage
0
110
100
90
80
10
50
MLB936
20
30
40
Vunw
(dB
µV)
gain reduction (dB)
Fig.5 Transfer characteristics; typical values.
VDS =5V.
Tj =25 °C.
handbook, halfpage
0
30
20
10
0
0.4
2.0
MLB937
0.8
1.2
1.6
I D
(mA)
V
(V)
G1 S
V
= 4 V 3 V
2.5 V
2 V
1.5 V
1 V
G2 S
Fig.6 Output characteristics; typical values.
VDS =5V.
VG2-S =4V.
Tj =25 °C.
handbook, halfpage
0
30
20
10
0
210
MLB938
46
8
I D
(mA)
V
(V)
DS
1.3 V
1.2 V
1.1 V
1.0 V
0.9 V
V
= 1.4 V
G1 S
Fig.7
Gate 1 current as a function of gate 1
voltage; typical values.
VDS =5V.
Tj =25 °C.
handbook, halfpage
01
23
200
150
50
0
100
MLB939
I G1
(
µA)
V
(V)
G1 S
3 V
2.5 V
2 V
3.5 V
V
= 4 V
G2 S
Rev. 02 - 19 November 2007
5 of 12


同様の部品番号 - BF909

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF909 PHILIPS-BF909 Datasheet
148Kb / 11P
   N-channel dual gate MOS-FETs
1995 Apr 25
BF909 NXP-BF909 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF909A NXP-BF909A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF909AR NXP-BF909AR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF909AWR NXP-BF909AWR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

同様の説明 - BF909

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com