データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF909R データシート(PDF) 6 Page - NXP Semiconductors

部品番号 BF909R
部品情報  N-channel dual gate MOS-FETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF909R データシート(HTML) 6 Page - NXP Semiconductors

Back Button BF909R Datasheet HTML 2Page - NXP Semiconductors BF909R Datasheet HTML 3Page - NXP Semiconductors BF909R Datasheet HTML 4Page - NXP Semiconductors BF909R Datasheet HTML 5Page - NXP Semiconductors BF909R Datasheet HTML 6Page - NXP Semiconductors BF909R Datasheet HTML 7Page - NXP Semiconductors BF909R Datasheet HTML 8Page - NXP Semiconductors BF909R Datasheet HTML 9Page - NXP Semiconductors BF909R Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NXP Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF909; BF909R
Fig.8
Forward transfer admittance as a
function of drain current; typical values.
VDS =5V.
Tj =25 °C.
handbook, halfpage
0
60
40
20
0
10
20
30
MLB940
y fs
(mS)
I
(mA)
D
3.5 V
3 V
2.5 V
2 V
V
= 4 V
G2 S
Fig.9
Drain current as a function of gate 1 current;
typical values.
VDS = 5 V; VG2-S =4V.
Tj =25 °C.
handbook, halfpage
020
40
60
25
0
20
MLB941
15
10
5
I
(
µA)
G1
I D
(mA)
Fig.10 Drain current as a function of gate 1
supply voltage (= VGG); typical values;
see Fig.18.
VDS = 5 V; VG2-S =4V.
RG1 = 120 kΩ (connected to VGG); Tj =25 °C.
handbook, halfpage
02
46
16
12
4
0
8
MLB942
V
(V)
GG
I D
(mA)
Fig.11 Drain current as a function of gate 1
(= VGG) and drain supply voltage;
typical values; see Fig.18.
VG2-S =4V.
RG1 connected to VGG; Tj =25 °C.
handbook, halfpage
0
30
20
10
0
24
8
MLB943
6
V
= V
(V)
GG
DS
I D
(mA)
R
= 47 k
G1
68 k
82 k
100 k
120 k
150 k
180 k
220 k
Rev. 02 - 19 November 2007
6 of 12


同様の部品番号 - BF909R

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF909R PHILIPS-BF909R Datasheet
148Kb / 11P
   N-channel dual gate MOS-FETs
1995 Apr 25
BF909R NXP-BF909R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

同様の説明 - BF909R

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com